| Zakładka z wyszukiwarką danych komponentów |
|
TLE7184F Arkusz danych(PDF) 21 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE7184F Arkusz danych(HTML) 21 Page - Infineon Technologies AG |
|
21 / 35 page ![]() Data Sheet 21 Rev. 1.0, 2008-12-04 TLE7184F Description of Modes, Protection and Diagnostic Functions 9 Description of Modes, Protection and Diagnostic Functions 9.1 Description of modes The operation of TLE7184F can be described by different operation modes Figure 9 State diagram TLE7184F Sleep Mode - low quiescent current - all supplies switched off Wake-up Mode - ramp-up of int5V, VREG and VDD Error Mode - latched error is reported - MOSFets switched-off - VREG and VDD on Normal Mode without Error Conditions - no error is reported - driver stages are active Normal Mode with OT-Prewarning - latched error is reported - driver stages are active VREG Shut-down Mode - latched error is reported - MOSFets switched-off - VREG off Deadlock Mode *2) - VREG and VDD off - latched error is reported - MOSFets switched-off - only 5Vint supply is on /INH = High “OR” IFMA= Low Wake-up time expired Reset of error /RGS = Low for t > t sleep VDD <= V DDsleep VDD_UVSD“OR” (VREG_UVSD “AND” OTPW) VREG_UVSD (no OTPW) Reset by /RGS “AND“OTPW VDD_UVSD “OR” (VREG_UVSD “AND” OTPW) VREG_UVSD (no OTPW) OTPW VDD_UVSD “OR” VREG_UVSD Reset of OTPW error Error condition occures*1) Error condition occures*1) /RGS = Low for t > t sleep Error conditions TLE7184F and used abbreviations: VREG Under Voltage Diagnosis (VREG_UVD) VDD Under Voltage Diagnosis (VDD_UVD) Over Current Shut Down (OCSD) VDH Over Voltage Shut Down (VDH_OVSD) IOV Over Voltage Shut Down (IOV_OVSD)) Short Circuit Detection (SCD) SCDL Pin Open Detection (SCDLPOD) Over Temperature Pre-Warning (OTPW) Over Temperature Shut Down (OTSD) VDD Under Voltage Shut Down (VDD_UVSD) VREG Under Voltage Shut Down (VREG_UVSD) VS Under Voltage Lockout (VS_UVLO) *1) Error conditions: VREG_UVD, VDD_UVD, OCSD, VDH_OVSD, IOV_OVSD, SCD, SCDLPOD *2) only way to leave this mode isVS_UVLO VS Under Voltage Lockout (VS_UVLO) leads from every mode into the Sleep Mode Over Temperature Shut Down (OTSD) leads from every mode except Dead Lock Mode into the Sleep Mode OTPW “OR” VDD_UVSD Go-to-Sleep Mode - VDD andVREG are switched off - latched error is reported |