| Zakładka z wyszukiwarką danych komponentów |
|
IRMCK171 Arkusz danych(PDF) 21 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRMCK171 Arkusz danych(HTML) 21 Page - International Rectifier |
|
21 / 34 page ![]() IRMCK171 This document is the property of International Rectifier and may not be copied or distributed without expressed consent. 21 6.7 Interrupt AC Timing Figure 9 Interrupt timing Unless specified, Ta = 25˚C. Symbol Parameter Min Typ Max Unit twINT INT0, INT1 Interrupt Assertion Time 4 - - SYSCLK tdINT INT0, INT1 latency - - 4 SYSCLK Table 15 Interrupt AC Timing 6.8 I 2C AC Timing SCL SDA tI2ST1 tI2ST2 tI2WSETUP TI2CLK tI2WHOLD tI2RSETUP tI2RHOLD TI2CLK tI2EN1 tI2EN2 Figure 10 I 2C Timing Unless specified, Ta = 25˚C. Symbol Parameter Min Typ Max Unit TI2CLK I 2C clock period 10 - 8192 SYSCLK tI2ST1 I 2C SDA start time 0.25 - - TI2CLK tI2ST2 I 2C SCL start time 0.25 - - TI2CLK tI2WSETUP I 2C write setup time 0.25 - - TI2CLK tI2WHOLD I 2C write hold time 0.25 - - TI2CLK tI2RSETUP I 2C read setup time I 2C filter time(1) - - SYSCLK tI2RHOLD I 2C read hold time 1 - - SYSCLK Table 16 I 2C AC Timing Note: (1) I 2C read setup time is determined by the programmable filter time applied to I2C communication. |