Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MFSYS35 Arkusz danych(PDF) 19 Page - Intel Corporation

Numer części MFSYS35
Szczegółowy opis  Technical Product Specification
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTEL [Intel Corporation]
Strona internetowa  http://www.intel.com
Logo INTEL - Intel Corporation

MFSYS35 Arkusz danych(HTML) 19 Page - Intel Corporation

Back Button MFSYS35 Datasheet HTML 15Page - Intel Corporation MFSYS35 Datasheet HTML 16Page - Intel Corporation MFSYS35 Datasheet HTML 17Page - Intel Corporation MFSYS35 Datasheet HTML 18Page - Intel Corporation MFSYS35 Datasheet HTML 19Page - Intel Corporation MFSYS35 Datasheet HTML 20Page - Intel Corporation MFSYS35 Datasheet HTML 21Page - Intel Corporation MFSYS35 Datasheet HTML 22Page - Intel Corporation MFSYS35 Datasheet HTML 23Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
Intel® Modular Server System MFSYS25/MFSYS35 TPS
System Overview
2.7
Reliability, Availability, Serviceability, Usability, Manageability
(RASUM)
The platform supports the following reliability, availability, serviceability, usability and
manageability (RASUM) features:
Reliability features
Voltage and temperature monitoring throughout the system
Availability features
Hot-plug compute modules
Hot-spare compute modules
Redundant hot-swap power supply modules
Redundant hot-swap system fans
Hot-swap SAS hard drives
Optional teaming and failover Ethernet ports
Serviceability features
Tool-less installation and removal of major sub-assemblies
Color-coded parts to identify serviceable components
Green: To identify hot-swap or hot-plug components
Blue: To identify non-hot-swap components
Compute module ID buttons and LEDs
LED indicators for system health, configured options, and activity
Usability features
Tool-less design features
External access to hot-swap hard disk drives, power supplies, LEDs and switches
Front viewable compute module ID LEDs
Color-coded parts to identify hot-swap and non-hot-swap serviceable components
Manageability features
Remote management via serial and LAN
IPMI 2.0 compliance
Remote management via KVM and dedicated LAN
All subsystems are connected by a server management I
2C bus to satisfy the system RASUM
requirements.
Revision 1.3
Intel order number E15155-005
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52