| Zakładka z wyszukiwarką danych komponentów |
|
C642/C643 Arkusz danych(PDF) 3 Page - Kemet Corporation |
|
|
|||||||||||||||||||||||||||||
C642/C643 Arkusz danych(HTML) 3 Page - Kemet Corporation |
|
3 / 14 page ![]() APPLICATION NOTES FOR MULTILAYER CERAMIC CAPACITORS © KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300 6 TABLE 1 EIA TEMPERATURE CHARACTERISTIC CODES FOR CLASS I DIELECTRICS Significant Figure Multiplier Applied Tolerance of of Temperature to Temperature Temperature Coefficient Coefficient Coefficient * PPM per Letter Multi- Number PPM per Letter Degree C Symbol plier Symbol Degree C Symbol 0.0 C -1 0 ±30 G 0.3 B -10 1 ±60 H 0.9 A -100 2 ±120 J 1.0 M -1000 3 ±250 K 1.5 P -100000 4 ±500 L 2.2 R +1 5 ±1000 M 3.3 S +10 6 ±2500 N 4.7 T +100 7 7.5 U +1000 8 +10000 9 * These symetrical tolerances apply to a two-point measurement of temperature coefficient: one at 25°C and one at 85°C. Some deviation is permitted at lower temperatures. For example, the PPM tolerance for C0G at -55°C is +30 / -72 PPM. TABLE 2 EIA TEMPERATURE CHARACTERISTIC CODES FOR CLASS II & III DIELECTRICS Low Temperature High Temperature Maximum Capacitance Rating Rating Shift Degree Letter Degree Number Letter Celcius Symbol Celcius Symbol Percent Symbol +10C Z +45C 2 ±1.0% A -30C Y +65C 4 ±1.5% B -55C X +85C 5 ±2.2% C +105C 6 ±3.3% D +125C 7 ±4.7% E +150C 8 ±7.5% F +200C 9 ±10.0% P ±15.0% R ±22.0% S +22 / -33% T +22 / -56% U +22 / -82% V +10 +20 +30 +40 +50 +60 +70 +80 |