| Zakładka z wyszukiwarką danych komponentów |
|
CSR33B554KM Arkusz danych(PDF) 9 Page - Kemet Corporation |
|
|
|||||||||||||||||||||||||||||
CSR33B554KM Arkusz danych(HTML) 9 Page - Kemet Corporation |
|
9 / 38 page ![]() KEMET T110 MIL-PRF-39003 (CSR13) CAPACITORS DASH NUMBER REFERENCE FAILURE RATE LEVEL (%/1000 HRS.) MAX. D.C. DISSIPATION KEMET CAPACITANCE LEAKAGE FACTOR EQUIVALENT CAPACITANCE CASE TOLERANCE KEMET µA@25°C %@25°C, M P R S B C D MILITARY µF SIZE ±% PART NUMBER MAX. 120Hz (1.0) (0.1) (0.01) (0.001) (0.1) (0.01) (0.001) PART NUMBER 50 VOLT RATING AT 85°C — 33 VOLT RATING AT 125°C (Cont’d) 0.0082 A 5 T110A822J050AS 0.1 2 5053 5253 5453 5653 6131 7131 8131 T212A822J050(2)S 0.0082 A 10 T110A822K050AS 0.1 2 2319 2559 2799 3039 6132 7132 8132 T212A822K050(2)S 0.0082 A 20 T110A822M050AS 0.1 2 0.01 A 5 T110A103J050AS 0.1 2 5054 5254 5454 5654 6133 7133 8133 T212A103J050(2)S 0.01 A 10 T110A103K050AS 0.1 2 2320 2560 2800 3040 6134 7134 8134 T212A103K050(2)S 0.01 A 20 T110A103M050AS 0.1 2 2321 2561 2801 3041 6135 7135 8135 T212A103M050(2)S 0.012 A 5 T110A123J050AS 0.1 2 5055 5255 5455 5655 6136 7136 8136 T212A123J050(2)S 0.012 A 10 T110A123K050AS 0.1 2 2322 2562 2802 3042 6137 7137 8137 T212A123K050(2)S 0.012 A 20 T110A123M050AS 0.1 2 0.015 A 5 T110A153J050AS 0.1 2 5056 5256 5456 5656 6138 7138 8138 T212A153J050(2)S 0.015 A 10 T110A153K050AS 0.1 2 2323 2563 2803 3043 6139 7139 8139 T212A153K050(2)S 0.015 A 20 T110A153M050AS 0.1 2 2324 2564 2804 3044 6140 7140 8140 T212A153M050(2)S 0.018 A 5 T110A183J050AS 0.1 2 5057 5257 5457 5657 6141 7141 8141 T212A183J050(2)S 0.018 A 10 T110A183K050AS 0.1 2 2325 2565 2805 3045 6142 7142 8142 T212A183K050(2)S 0.018 A 20 T110A183M050AS 0.1 2 0.022 A 5 T110A223J050AS 0.1 2 5058 5258 5458 5658 6143 7143 8143 T212A223J050(2)S 0.022 A 10 T110A223K050AS 0.1 2 2326 2566 2806 3046 6144 7144 8144 T212A223K050(2)S 0.022 A 20 T110A223M050AS 0.1 2 2327 2567 2807 3047 6145 7145 8145 T212A223M050(2)S 0.027 A 5 T110A273J050AS 0.1 2 5059 5259 5459 5659 6146 7146 8146 T212A273J050(2)S 0.027 A 10 T110A273K050AS 0.1 2 2328 2568 2808 3048 6147 7147 8147 T212A273K050(2)S 0.027 A 20 T110A273M050AS 0.1 2 0.033 A 5 T110A333J050AS 0.1 2 5060 5260 5460 5660 6148 7148 8148 T212A333J050(2)S 0.033 A 10 T110A333K050AS 0.1 2 2329 2569 2809 3049 6149 7149 8149 T212A333K050(2)S 0.033 A 20 T110A333M050AS 0.1 2 2330 2570 2810 3050 6150 7150 8150 T212A333M050(2)S 0.039 A 5 T110A393J050AS 0.1 2 5061 5261 5461 5661 6151 7151 8151 T212A393J050(2)S 0.039 A 10 T110A393K050AS 0.1 2 2331 2571 2811 3051 6152 7152 8152 T212A393K050(2)S 0.039 A 20 T110A393M050AS 0.1 2 0.047 A 5 T110A473J050AS 0.1 2 5062 5262 5462 5662 6153 7153 8153 T212A473J050(2)S 0.047 A 10 T110A473K050AS 0.1 2 2332 2572 2812 3052 6154 7154 8154 T212A473K050(2)S 0.047 A 20 T110A473M050AS 0.1 2 2333 2573 2813 3053 6155 7155 8155 T212A473M050(2)S 0.056 A 5 T110A563J050AS 0.1 2 5063 5263 5463 5663 6156 7156 8156 T212A563J050(2)S 0.056 A 10 T110A563K050AS 0.1 2 2334 2574 2814 3054 6157 7157 8157 T212A563K050(2)S 0.056 A 20 T110A563M050AS 0.1 2 0.068 A 5 T110A683J050AS 0.1 2 5064 5264 5464 5664 6158 7158 8158 T212A683J050(2)S 0.068 A 10 T110A683K050AS 0.1 2 2335 2575 2815 3055 6159 7159 8159 T212A683K050(2)S 0.068 A 20 T110A683M050AS 0.1 2 2336 2576 2816 3056 6160 7160 8160 T212A683M050(2)S 0.082 A 5 T110A823J050AS 0.1 2 5065 5265 5465 5665 6161 7161 8161 T212A823J050(2)S 0.082 A 10 T110A823K050AS 0.1 2 2337 2577 2817 3057 6162 7162 8162 T212A823K050(2)S 0.082 A 20 T110A823M050AS 0.1 2 0.1 A 5 T110A104J050AS 0.3 2 5066 5266 5466 5666 6163 7163 8163 T212A104J050(2)S 0.1 A 10 T110A104K050AS 0.3 2 2338 2578 2818 3058 6164 7164 8164 T212A104K050(2)S 0.1 A 20 T110A104M050AS 0.3 2 2339 2579 2819 3059 6165 7165 8165 T212A104M050(2)S 0.12 A 5 T110A124J050AS 0.3 2 5067 5267 5467 5667 6166 7166 8166 T212A124J050(2)S 0.12 A 10 T110A124K050AS 0.3 2 2340 2580 2820 3060 6167 7167 8167 T212A124K050(2)S 0.12 A 20 T110A124M050AS 0.3 2 0.15 A 5 T110A154J050AS 0.3 2 5068 5268 5468 5668 6168 7168 8168 T212A154J050(2)S 0.15 A 10 T110A154K050AS 0.3 2 2341 2581 2821 3061 6169 7169 8169 T212A154K050(2)S 0.15 A 20 T110A154M050AS 0.3 2 2342 2582 2822 3062 6170 7170 8170 T212A154M050(2)S 0.18 A 5 T110A184J050AS 0.3 2 5069 5269 5469 5669 6171 7171 8171 T212A184J050(2)S 0.18 A 10 T110A184K050AS 0.3 2 2343 2583 2823 3063 6172 7172 8172 T212A184K050(2)S 0.18 A 20 T110A184M050AS 0.3 2 0.22 A 5 T110A224J050AS 0.3 2 5070 5270 5470 5670 6173 7173 8173 T212A224J050(2)S 0.22 A 10 T110A224K050AS 0.3 2 2344 2584 2824 3064 6174 7174 8174 T212A224K050(2)S 0.22 A 20 T110A224M050AS 0.3 2 2345 2585 2825 3065 6175 7175 8175 T212A224M050(2)S 0.27 A 5 T110A274J050AS 0.3 2 5071 5271 5471 5671 6176 7176 8176 T212A274J050(2)S 0.27 A 10 T110A274K050AS 0.3 2 2346 2586 2826 3066 6177 7177 8177 T212A274K050(2)S 0.27 A 20 T110A274M050AS 0.3 2 0.33 A 5 T110A334J050AS 0.3 2 5072 5272 5472 5672 6178 7178 8178 T212A334J050(2)S 0.33 A 10 T110A334K050AS 0.3 2 2347 2587 2827 3067 6179 7179 8179 T212A334K050(2)S 0.33 A 20 T110A334M050AS 0.3 2 2348 2588 2828 3068 6180 7180 8180 T212A334M050(2)S 0.39 A 5 T110A394J050AS 0.3 2 5073 5273 5473 5673 6181 7181 8181 T212A394J050(2)S TANTALUM HERMETICALLY SEALED / AXIAL — MIL-PRF-39003 T110 SERIES — POLAR TYPE & T212 (CSR13) 12 KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300 RATINGS & PART NUMBER REFERENCE MIL-PRF-39003/1H EXPONENTIAL MIL-PRF-39003/1H GRADED (1) To complete T110 Series part number, insert Capacitance Tolerance Symbol in the 9th Character as shown on Page 6. (2) To complete the T212 Series Part Number, insert Failure Rate Symbol in the 13th Character. Bold Face lines indicate popular part types and values. |