| Zakładka z wyszukiwarką danych komponentów |
|
STWH13009 Arkusz danych(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STWH13009 Arkusz danych(HTML) 1 Page - STMicroelectronics |
|
1 / 9 page ![]() October 2007 Rev 1 1/9 9 STWH13009 High voltage fast-switching NPN power transistor Features ■ High voltage capability ■ Low spread of dynamic parameters ■ Very high switching speed Applications ■ Switching mode power supplies Description The device is manufactured using high voltage Multi Epitaxial Planar technology for high switching speeds anh high voltage capability. It uses a Hollow Emitter structure to enhance switching speeds. . Figure 1. Internal schematic diagram TO-247 1 2 3 www.st.com Table 1. Device summary Order code Marking Package Packaging STWH13009 WH13009 TO-247 Tube |
Podobny numer części - STWH13009 |
|
Podobny opis - STWH13009 |