Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TR136D Arkusz danych(PDF) 3 Page - STMicroelectronics

Numer części TR136D
Szczegółowy opis  High voltage fast-switching NPN power transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TR136D Arkusz danych(HTML) 3 Page - STMicroelectronics

  TR136D Datasheet HTML 1Page - STMicroelectronics TR136D Datasheet HTML 2Page - STMicroelectronics TR136D Datasheet HTML 3Page - STMicroelectronics TR136D Datasheet HTML 4Page - STMicroelectronics TR136D Datasheet HTML 5Page - STMicroelectronics TR136D Datasheet HTML 6Page - STMicroelectronics TR136D Datasheet HTML 7Page - STMicroelectronics TR136D Datasheet HTML 8Page - STMicroelectronics TR136D Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
TR136D
Electrical characteristics
3/9
2
Electrical characteristics
(Tcase = 25°C unless otherwise specified)
Table 3.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICEV
Collector cut-off current
(VBE =-1.5V)
VCE = 700 V
VCE = 700 V
TC = 100 °C
1
5
mA
mA
IEBO
Emitter cut-off current
(IC =0)
VEB = 9 V
1mA
VCEO(sus)
(1)
1.
Pulsed duration = 300 ms, duty cycle
≤ 1.5%
Collector-emitter
sustaining voltage
(IB = 0)
IC = 10 mA
400
V
VCE(sat)
(1)
Collector-emitter
saturation voltage
IC = 0.5 A _
_ IB = 0.1 A
IC = 0.6 A _ _
IB = 60 mA
IC = 2 A
_
IB = 0.5 A
0.5
0.7
1
V
V
V
VBE(sat)
(1)
Base-emitter saturation
voltage
IC = 1 A __
IB = 0.2 A
IC = 2 A _ _ _ IB = 0.5 A
1.2
1.6
V
V
hFE
DC current gain
IC = 10 mA
VCE = 5 V
IC = 2 A
VCE = 5 V
10
10
20
ts
tf
Inductive load
Storage time
Fall time
IC = 1 A
IB1 = 0.2 A
VBE(off) = -5 V
RBB = 0 Ω
VClamp = 200 V L = 50 mH
(see Figure 2)
0.8
0.16
µs
µs
VF
Diode forward voltage
IF = 1 A
2.5
V



Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com