| Zakładka z wyszukiwarką danych komponentów |
|
IC-SM2LCHIP Arkusz danych(PDF) 3 Page - IC-Haus GmbH |
|
|
|||||||||||||||||||||||||||||
IC-SM2LCHIP Arkusz danych(HTML) 3 Page - IC-Haus GmbH |
|
3 / 5 page ![]() iC-SM2L LINEAR AMR SENSOR (2 mm) Rev A2, Page 3/5 All voltages are referenced to ground unless otherwise noted. All currents into the device pins are positive; all currents out of the device pins are negative. ABSOLUTE MAXIMUM RATINGS Values beyond which damage may occur; device operation is not guaranteed. Item Symbol Parameter Conditions Fig. Unit Min. Max. G001 V() Voltage at VB -10 10 V G002 V() Voltage at PSIN, NSIN, PCOS, NCOS -10 10 V G003 I() Current in VB -11 11 mA G004 I() Current in PSIN, NSIN, PCOS, NCOS -11 11 mA TG1 Tj Operating Junction Temperature -40 125 °C TG2 Ts Storage Temperature Range -40 125 °C THERMAL DATA Operating Conditions: VB = 5 V ± 10 % Item Symbol Parameter Conditions Fig. Unit Min. Typ. Max. T1 Ta Operating Ambient Temperature Range -40 125 °C |