Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SLA5227 Arkusz danych(PDF) 2 Page - Sanken electric

Numer części SLA5227
Szczegółowy opis  Built-in IGBT and diode bridge of partial switching PFC circuit Enable to reduce mounting area
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANKEN [Sanken electric]
Strona internetowa  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA5227 Arkusz danych(HTML) 2 Page - Sanken electric

  SLA5227 Datasheet HTML 1Page - Sanken electric SLA5227 Datasheet HTML 2Page - Sanken electric SLA5227 Datasheet HTML 3Page - Sanken electric SLA5227 Datasheet HTML 4Page - Sanken electric SLA5227 Datasheet HTML 5Page - Sanken electric SLA5227 Datasheet HTML 6Page - Sanken electric SLA5227 Datasheet HTML 7Page - Sanken electric SLA5227 Datasheet HTML 8Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
http://www.sanken-ele.co.jp
SLA5227
Oct.2010
The information included herein is believed to be accurate and reliable. However, SANKEN ELECTRIC CO., LTD assumes no
responsibility for its use ; nor for any infringements of patents or other rights of third parties that may result from its use.
Copy Right: SANKEN ELECTRIC CO.,LTD.
Page 2
SANKEN ELECTRIC
Electrical characteristics
● IGBT
(Ta=25
°C)
Characteristic
Symbol
Test Conditions
Limits
unit
min
typ
max
Collector to Emitter Breakdown Voltage
V(BR)CES
IC= 100μA, VGE=0V
600
V
Gate to Emitter Leakage Current
IGES
VGE= ±30V
±500
nA
Collector to Emitter Leakage Current
ICES
VCE= 600V,VGE=0V
100
μA
Gate Threshold Voltage
VGE(th)
VCE= 10V,ID=1mA
3
6
V
Collector to Emitter Saturation Voltage
VCE(sat)
VGE=15V,IC= 30A
1.3
1.7
V
Collector to Emitter Saturation Voltage
VCE(sat)
VGE=15V,IC= 50A
1.6
V
Input Capacitance
Cies
VCE=20V
f=1.0MHz
VGE=0V
2500
pF
Output Capacitance
Coes
150
Reverse Transfer Capacitance
Cres
80
Turn-On Delay Time
td(on)
IC=50A
VCE≒300V
RG=39Ω
VGE=±15V
See fig.1
80
ns
Rise Time
tr
190
Turn-Off Delay Time
td(off)
120
Fall Time
tf
320
● Di
(Ta=25
°C)
Characteristic
Symbol
Test Conditions
Limits
min
typ
max
Forward Voltage Drop
VF
IF= 12.5A
1.1
Reverse Leakage Current
IR
VR=600V
50
Reverse Leakage Current
Under High Temperature
H·IR
VR=600V,Tj=150°C
200



Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com