| Zakładka z wyszukiwarką danych komponentów |
|
STM8L101F1T6ATR Arkusz danych(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8L101F1T6ATR Arkusz danych(HTML) 24 Page - STMicroelectronics |
|
24 / 81 page ![]() Memory and register map STM8L101xx 24/81 Doc ID 15275 Rev 11 Table 5. Flash and RAM boundary addresses Memory area Size Start address End address RAM 1.5 Kbytes 0x00 0000 0x00 05FF Flash program memory 2 Kbytes 0x00 8000 0x00 87FF 4 Kbytes 0x00 8000 0x00 8FFF 8 Kbytes 0x00 8000 0x00 9FFF Table 6. I/O Port hardware register map Address Block Register label Register name Reset status 0x00 5000 Port A PA_ODR Port A data output latch register 0x00 0x00 5001 PA_IDR Port A input pin value register 0xxx 0x00 5002 PA_DDR Port A data direction register 0x00 0x00 5003 PA_CR1 Port A control register 1 0x00 0x00 5004 PA_CR2 Port A control register 2 0x00 0x00 5005 Port B PB_ODR Port B data output latch register 0x00 0x00 5006 PB_IDR Port B input pin value register 0xxx 0x00 5007 PB_DDR Port B data direction register 0x00 0x00 5008 PB_CR1 Port B control register 1 0x00 0x00 5009 PB_CR2 Port B control register 2 0x00 0x00 500A Port C PC_ODR Port C data output latch register 0x00 0x00 500B PC_IDR Port C input pin value register 0xxx 0x00 500C PC_DDR Port C data direction register 0x00 0x00 500D PC_CR1 Port C control register 1 0x00 0x00 500E PC_CR2 Port C control register 2 0x00 0x00 500F Port D PD_ODR Port D data output latch register 0x00 0x00 5010 PD_IDR Port D input pin value register 0xxx 0x00 5011 PD_DDR Port D data direction register 0x00 0x00 5012 PD_CR1 Port D control register 1 0x00 0x00 5013 PD_CR2 Port D control register 2 0x00 |