| Zakładka z wyszukiwarką danych komponentów |
|
BZT52C3V9LP Arkusz danych(PDF) 1 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
BZT52C3V9LP Arkusz danych(HTML) 1 Page - Diodes Incorporated |
|
1 / 4 page ![]() BZT52C2V4LP - BZT52C39LP SURFACE MOUNT ZENER DIODE Features • Ultra-Small Leadless Surface Mount Package • Ideally Suited for Automated Assembly Processes • Lead Free By Design/RoHS Compliant (Note 1) • "Green" Device (Note 2) • Qualified to AEC-Q101 Standards for High Reliability Mechanical Data • Case: DFN1006-2 • Case Material: Molded Plastic, "Green" Molding Compound. UL Flammability Classification Rating 94V-0 • Moisture Sensitivity: Level 1 per J-STD-020D • Terminal Connections: Cathode Dot (See Marking Information) • Terminals: Finish ⎯ NiPdAu Over Copper Leadframe. Solderable per MIL-STD-202, Method 208 • Marking Information: See Page 3 • Ordering Information: See Page 3 • Weight: 0.001 grams Bottom View Maximum Ratings @TA = 25°C unless otherwise specified Characteristic Symbol Value Unit Forward Voltage (Note 4) @ IF = 10mA VF 0.9 V Thermal Characteristics Characteristic Symbol Value Unit Power Dissipation (Note 3) TA = 25°C PD 250 mW Thermal Resistance, Junction to Ambient Air (Note 3) TA = 25°C RθJA 500 °C/W Operating and Storage Temperature Range TJ, TSTG -65 to +150 °C Notes: 1. No purposefully added lead. 2. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php. 3. Device mounted on FR-4 PCB with minimum recommended pad layout pattern as shown on page 4. 4. Short duration pulse test used to minimize self-heating effect. BZT52C2V4LP - BZT52C39LP Document number: DS30506 Rev. 17 - 2 1 of 4 www.diodes.com August 2008 © Diodes Incorporated Please click here to visit our online spice models database. |
Podobny numer części - BZT52C3V9LP |
|
Podobny opis - BZT52C3V9LP |