Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BZT52C4V3LP Arkusz danych(PDF) 3 Page - Diodes Incorporated

Numer części BZT52C4V3LP
Szczegółowy opis  SURFACE MOUNT ZENER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIODES [Diodes Incorporated]
Strona internetowa  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BZT52C4V3LP Arkusz danych(HTML) 3 Page - Diodes Incorporated

  BZT52C4V3LP Datasheet HTML 1Page - Diodes Incorporated BZT52C4V3LP Datasheet HTML 2Page - Diodes Incorporated BZT52C4V3LP Datasheet HTML 3Page - Diodes Incorporated BZT52C4V3LP Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BZT52C2V4LP - BZT52C39LP
0
10
20
30
0
V , ZENER VOLTAGE (V)
Fig. 3 Typical Zener Breakdown Characteristics
Z
10
20
30
Test Current I
5.0mA
Z
C10LP
C12LP
C18LP
C22LP
C15LP
C39LP
C36LP
V , ZENER VOLTAGE (V)
Fig. 4 Typical Zener Breakdown Characteristics
Z
Test Current I
Z
2.0mA
Ordering Information (Note 6)
BZT52C2V4LP - BZT52C39LP
Document number: DS30506 Rev. 17 - 2
3 of 4
www.diodes.com
August 2008
© Diodes Incorporated
Part Number
Case
Packaging
(Type Number)-7*
DFN1006-2
3000/Tape & Reel
*Add “-7” to the appropriate type number in Electrical Characteristics Table (Page 2). Example: 6.2V Zener = BZT52C6V2LP-7.
Notes:
6. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
xx = Product Type Marking Code
(See Electrical Characteristics Table)
Dot Denotes Cathode Side
Package Outline Dimensions
L
E
b
R
e
D
A1
A
DFN1006-2
Dim
Min
Max
Typ
A
0.47
0.53
0.50
A1
0
0.05
0.03
b
0.45
0.55
0.50
D
0.95
1.075
1.00
E
0.55
0.675
0.60
e
⎯
⎯
0.40
L
0.20
0.30
0.25
R
0.05
0.15
0.10
All Dimensions in mm



Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com