| Zakładka z wyszukiwarką danych komponentów |
|
BAS70SW Arkusz danych(PDF) 2 Page - Pan Jit International Inc. |
|
|
|||||||||||||||||||||||||||||
BAS70SW Arkusz danych(HTML) 2 Page - Pan Jit International Inc. |
|
2 / 3 page ![]() PAGE . 2 REV.0.1-FEB.24.2009 BAS70W SERIES FIG. 1-TYPICAL FORWARD CHARACTERISTIC FIG. 2-TYPICAL REVERSE CHARACTERISTICS FIG. 4 FORWARD CURRENT DERATING FIG. 3 TYPICAL JUNCTION CAPACITANCE 0 200 300 400 100 50 100 150 200 FORWARD VOLTAGE, Volts REVERSE VOLTAGE, Volts REVERSE VOLTAGE, Volts AMBIENT TEMPERATURE( C) O 0 0 0.4 0.8 1.2 10 20 30 40 0 0 0.01 0.1 1.0 10 100 10 20 30 40 T =25 C J O T =75 C J O T =125 C J O 0 0.1 1.0 10 100 0.4 0.6 0.8 T=25 C A O R E T E M A R A Pl o b m y Sn o it i d n o C t s e T. N I M. P Y T. X A Ms t i n U e g a tl o V n w o d k a e r B e s r e v e RV ) R B ( I R 0 1 =uA 0 7- -- -V t n e r r u C e s r e v e RI R V R 0 7 =V V R 0 5 =V - -- - 0 . 1 1 . 0 A u e g a tl o V d r a w r o FV F I F 0 . 1 =mA I F 0 1 =mA I F 5 1 =mA - -- - 1 4 . 0 5 7 . 0 0 0 . 1 V e c n a t i c a p a C n o it c n u J m u m i x a MC J V R , V 0 =f H M 0 . 1 =z - -- -0 . 2F p ELECTRICAL CHARACTERISTICS ELECTRICAL CHARACTERISTICS CURVE |