| Zakładka z wyszukiwarką danych komponentów |
|
MPC5673F Arkusz danych(PDF) 119 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5673F Arkusz danych(HTML) 119 Page - Freescale Semiconductor, Inc |
|
119 / 132 page ![]() 220 MDO0_GPIO220 (GPIO function on this pin is only available on Rev.2 of the device) –12 MDO0 Nexus message data out O F VDDE2 O/Low MDO0/Low P3 U3 V3 A1 —— — A2 —— — G GPIO220 GPIO I/O 221 MDO1_GPIO221 (GPIO function on this pin is only available on Rev.2 of the device) –12 MDO1 Nexus message data out O F VDDE2 O/Low —/Down P4 U4 W6 A1 —— — A2 —— — G GPIO221 GPIO I/O 222 MDO2_GPIO222 (GPIO function on this pin is only available on Rev.2 of the device) –12 MDO2 Nexus message data out O F VDDE2 O/Low —/Down R1 V1 V4 A1 —— — A2 —— — G GPIO222 GPIO I/O 223 MDO3_GPIO223 (GPIO function on this pin is only available on Rev.2 of the device) –12 MDO3 Nexus message data out O F VDDE2 O/Low —/Down R2 V2 V5 A1 —— — A2 —— — G GPIO223 GPIO I/O 75 MDO4_GPIO75 (GPIO function on this pin is only available on Rev.2 of the device) –12 MDO4 Nexus message data out O F VDDE2 O/Low —/Down R3 V3 W1 A1 —— — A2 —— — G GPIO75 GPIO I/O 76 MDO5_GPIO76 (GPIO function on this pin is only available on Rev.2 of the device) –12 MDO5 Nexus message data out O F VDDE2 O/Low —/Down R4 V4 W2 A1 —— — A2 —— — G GPIO76 GPIO I/O Table 43. Signal Properties and Muxing Summary (continued) Signal Name2 Function4 Function Summary State during RESET7 State after RESET8 Package Location |