Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM2575BWM Arkusz danych(PDF) 9 Page - Micrel Semiconductor

Numer części LM2575BWM
Szczegółowy opis  52kHz Simple 1A Buck Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICREL [Micrel Semiconductor]
Strona internetowa  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

LM2575BWM Arkusz danych(HTML) 9 Page - Micrel Semiconductor

Back Button LM2575BWM Datasheet HTML 4Page - Micrel Semiconductor LM2575BWM Datasheet HTML 5Page - Micrel Semiconductor LM2575BWM Datasheet HTML 6Page - Micrel Semiconductor LM2575BWM Datasheet HTML 7Page - Micrel Semiconductor LM2575BWM Datasheet HTML 8Page - Micrel Semiconductor LM2575BWM Datasheet HTML 9Page - Micrel Semiconductor LM2575BWM Datasheet HTML 10Page - Micrel Semiconductor LM2575BWM Datasheet HTML 11Page - Micrel Semiconductor LM2575BWM Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Micrel, Inc.
LM2575
May 2009
9
M9999-051209-B
Functional Characteristics (circuit of Figure 1)
Load Transient Response
100µs/div.
+100mV
0
–100mV
Output
Voltage
Change
1.0A
0.5A
0
Output
Current
VOUT = 5V
Switching Waveforms
10V
0
1A
0
1A
.5A
0
A
B
C
D
A: Output pin voltage 10V/div
B: Output pin current 1A/div
C: Inductor current 0.5A/div
D: Output ripple voltage 20 mV/div. AC coupled
Horizontal Time Base: 5µs/div
VOUT = 5V VIN = 20V
Functional Diagrams
ON/OFF
COMPARATOR
FIXED GAIN
ERROR AMP
1 AMP
SWITCH
OUT
DRIVER
+
-
+
-
VIN
FB
1.23V
BAND-GAP
REFERENCE
52 kHz
OSCILLATOR
RESET
THERMAL
SHUTDOWN
CURRENT
LIMIT
5
2
3
1
Note: Pin numbers are for the TO-220 package
INTERNAL
REGULATOR
ON/OFF
GND
3.1k
1.0k
4
Fixed Regulator
ON/OFF
COMPARATOR
FIXED GAIN
ERROR AMP
1 AMP
SWITCH
OUT
DRIVER
+
-
+
-
VIN
FB
1.23V
BAND-GAP
REFERENCE
52 kHz
OSCILLATOR
RESET
THERMAL
SHUTDOWN
CURRENT
LIMIT
5
2
3
1
4
INTERNAL
REGULATOR
ON/OFF
GND
Adjustable Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com