| Zakładka z wyszukiwarką danych komponentów |
|
MAX9268GCM/V+ Arkusz danych(PDF) 21 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX9268GCM/V+ Arkusz danych(HTML) 21 Page - Maxim Integrated Products |
|
21 / 35 page ![]() Gigabit Multimedia Serial Link Deserializer with LVDS System Interface ______________________________________________________________________________________ 21 Figure 17. GMSL UART Data Format for Base Mode Figure 18. SYNC Byte (0x79) Figure 19. ACK Byte (0xC3) Figure 20. Format Conversion between GMSL UART and I2C with Register Address (I2CMETHOD = 0) START D0 D1 D2 D3 D4 D5 D6 D7 PARITY STOP 1 UART FRAME FRAME 1 FRAME 2 FRAME 3 STOP START STOP START 11 SYNC FRAME REGISTER ADDRESS NUMBER OF BYTES DEVICE ID + WR DATA 0 DEV ID A 11 11 11 11 DATA N 11 11 S 1 1 1 ACK FRAME 7 : MASTER TO SLAVE 8 GMSL SERIALIZER/MAX9268 PERIPHERAL W 1 REG ADDR 8 A 1 1 8 1 11 SYNC FRAME REGISTER ADDRESS NUMBER OF BYTES DEVICE ID + RD 11 11 11 11 ACK FRAME DATA 0 11 DATA N 11 UART-TO-I2C CONVERSION OF WRITE PACKET (I2CMETHOD = 0) UART-TO-I2C CONVERSION OF READ PACKET (I2CMETHOD = 0) S: START P: STOP A: ACKNOWLEDGE : SLAVE TO MASTER DATA 0 A DATA N A P DEV ID A S 1 1 7 W 1 DEV ID A S 1 1 7 R 1 DATA N P 1 8 A 1 DATA 0 8 A 1 REG ADDR 8 A 1 F C GMSL SERIALIZER/MAX9268 F C GMSL SERIALIZER/MAX9268 GMSL SERIALIZER/MAX9268 PERIPHERAL START D0 1 0 0 1 1 1 1 0 D1 D2 D3 D4 D5 D6 D7 PARITY STOP START D0 1 1 0 0 0 0 1 1 D1 D2 D3 D4 D5 D6 D7 PARITY STOP |