| Zakładka z wyszukiwarką danych komponentów |
|
ICS9LP525-2 Arkusz danych(PDF) 2 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
ICS9LP525-2 Arkusz danych(HTML) 2 Page - Integrated Device Technology |
|
2 / 21 page ![]() IDTTM/ICSTM PC MAIN CLOCK 1397—11/08/10 ICS9LP525-2 PC MAIN CLOCK 2 Pin Description PIN # PIN NAME TYPE DESCRIPTION 1 PCI0/CR#_A I/O 3.3V PCI clock output or Clock Request control A for either SRC0 or SRC2 pair The power-up default is PCI0 output, but this pin may also be used as a Clock Request control of SRC pair 0 or SRC pair 2 via SMBus. Before configuring this pin as a Clock Request Pin, the PCI output must first be disabled in byte 2, bit 0 of SMBus address space . After the PCI output is disabled (high-Z), the pin can then be set to serve as a Clock Request pin for either SRC pair 2 or pair 0 using the CRA#_EN bit located in byte 5 of SMBUs address space. Byte 5, bit 7 0 = PCI0 enabled (default) 1= CRA# enabled. Byte 5, bit 6 controls whether CRA# controls SRC0 or SRC2 pair Byte 5, bit 6 0 = CRA# controls SRC0 pair (default), 1= CRA# controls SRC2 pair 2 VDDPCI PWR Power supply for PCI clocks, nominal 3.3V 3 PCI1/CR#_B I/O 3.3V PCI clock output/Clock Request control B for either SRC1 or SRC4 pair The power-up default is PCI1 output, but this pin may also be used as a Clock Request control of SRC pair 1 or SRC pair 4 via SMBus. Before configuring this pin as a Clock Request Pin, the PCI output must first be disabled in byte 2, bit 1 of SMBus address space . After the PCI output is disabled (high-Z), the pin can then be set to serve as a Clock Request pin for either SRC pair 1 or pair 4 using the CRB#_EN bit located in byte 5 of SMBUs address space. Byte 5, bit 5 0 = PCI1 enabled (default) 1= CRB# enabled. Byte 5, bit 6 controls whether CRB# controls SRC1 or SRC4 pair Byte 5, bit 4 0 = CRB# controls SRC1 pair (default) 1= CRB# controls SRC4 pair 4 PCI2/TME I/O 3.3V PCI clock output / Trusted Mode Enable(TME) Latched Input. This pin is sampled on power-up as follows 0=Overclocking of CPU and SRC allowed 1=Overclocking of CPU and SRC NOT allowed After being sampled on power-up, this pin becomes a 3.3V PCI Output 5 PCI3/CFG0 I/O 3.3V PCI clock output/Configuration Strap. See PCI3 Configuration Table for more information 6 PCI4/SRC5_EN I/O 3.3V PCI clock output / SRC5 pair or PCI_STOP#/CPU_STOP# enable strap. On powerup, the logic value on this pin determines if the SRC5 pair is enabled or if CPU_STOP#/PCI_STOP# is enabled (pins 29 and 30). The latched value controls the pin function on pins 29 and 30 as follows 0 = PCI_STOP#/CPU_STOP# 1 = SRC5/SRC5# 7 PCI_F5/ITP_EN I/O Free running PCI clock output and ITP/SRC8 enable strap. This output is not affected by the state of the PCI_STOP# pin. On powerup, the state of this pin determines whether pins 38 and 39 are an ITP or SRC pair. 0 =SRC8/SRC8# 1 = ITP/ITP# 8 GNDPCI PWR Ground pin for the PCI outputs 9 VDD48 PWR Power pin for the 48MHz output and PLL.3.3V 10 USB_48MHz/FSLA I/O 3.3V tolerant input for CPU frequency selection. Refer to input electrical characteristics for Vil_FS and Vih_FS values. / Fixed 48MHz USB clock output. 3.3V. 11 GND48 PWR Ground pin for the 48MHz outputs 12 VDD96_IO PWR Power supply for DOT96 clocks, nominal 0.8V from source/emitter of external pass transistor. 13 DOTT_96/SRCT0 OUT True clock of low power differential SRC or DOT96. The power-up default function is SRC0. After powerup, this pin function may be changed to DOT96 via SMBus Byte 1, bit 7 as follows: 0= SRC0 1=DOT96 14 DOTC_96/SRCC0 OUT Complement clock of low power differential SRC or DOT96. The power-up default function is SRC0#. After powerup, this pin function may be changed to DOT96# via SMBus Byte 1, bit 7 as follows 0= SRC0# 1=DOT96# 15 GND PWR Ground pin. 16 VDD PWR Power supply, nominal 3.3V 17 SRCT1/SE1 OUT True clock of low power differential SRC1 clock pair / 3.3V single-ended output. The powerup default is 100 MHz SRC, -0.5% downspread. The pin function may be changed via SMBus B1b[4:1] 18 SRCC1/SE2 OUT Complement clock of push-pull differential SRC1 clock pair / 3.3V single-ended output. The powerup default is 100 MHz SRC, - 0.5% downspread. The pin function may be changed via SMBus B1b[4:1] 19 GND PWR Ground pin. 20 VDDPLL3_IO PWR Power supply for PLL3. 0.8V nominal from source/emitter of external pass transistor 21 SRCT2/SATAT OUT True clock of low power differentiall SRC/SATA clock pair. 22 SRCC2/SATAC OUT Complement clock of differential push-pull SRC/SATA clock pair. 23 GNDSRC PWR Ground pin for the SRC outputs |