Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LTM4602 Arkusz danych(PDF) 15 Page - Linear Technology

Numer części LTM4602
Szczegółowy opis  10A High Effi ciency DC/DC 關Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LINER [Linear Technology]
Strona internetowa  http://www.linear.com
Logo LINER - Linear Technology

LTM4602 Arkusz danych(HTML) 15 Page - Linear Technology

Back Button LTM4602 Datasheet HTML 11Page - Linear Technology LTM4602 Datasheet HTML 12Page - Linear Technology LTM4602 Datasheet HTML 13Page - Linear Technology LTM4602 Datasheet HTML 14Page - Linear Technology LTM4602 Datasheet HTML 15Page - Linear Technology LTM4602 Datasheet HTML 16Page - Linear Technology LTM4602 Datasheet HTML 17Page - Linear Technology LTM4602 Datasheet HTML 18Page - Linear Technology LTM4602 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
LTM4600
15
4600fc
Figure 14. No Heatsink
Figure 15. BGA Heatsink
AMBIENT TEMPERATURE (°C)
50
8
9
10
90
4600 G12
7
6
5
60
70
80
100
0LFM
200LFM
400LFM
VIN = 12V
VO = 1.5V
AMBIENT TEMPERATURE (°C)
50
55
70
4600 F11
60
65
75
80
85
90
VIN = 12V
VO = 1.5V
400 LFM
200 LFM
0 LFM
10
9
8
7
6
5
4
AMBIENT TEMPERATURE (°C)
50
8
9
10
90
4600 G10
7
6
5
60
70
80
100
0LFM
200LFM
400LFM
VIN = 5V
VO = 1.5V
AMBIENT TEMPERATURE (°C)
50
70
4600 F09
60
80
90
VIN = 5V
VO = 1.5V
400 LFM
200 LFM
0 LFM
10
9
8
7
6
5
4
OUTPUT CURRENT (A)
08
6
4600 F08
24
10
3.5
4.0
4.5
3.0
2.5
2.0
1.5
1.0
0.5
0
12V LOSS
5V LOSS
VOUT = 1.5V
Figure 8. Power Loss vs Load Current
Figure 9. No Heatsink
Figure 10. BGA Heatsink
Figure 11. No Heatsink
Figure 12. BGA Heatsink
Figure 13. Power Loss vs Load Current
OUTPUT CURRENT (A)
08
6
4600 F13
24
10
3.5
4.0
5.0
4.5
3.0
2.5
2.0
1.5
1.0
0.5
0
VIN = 12V
VOUT = 3.3V
AMBIENT TEMPERATURE (°C)
40
70
4600 F14
60
50
80
90
VIN = 12V
VO = 3.3V
400 LFM
200 LFM
0 LFM
10
9
8
7
6
4
5
0
1
2
3
AMBIENT TEMPERATURE (°C)
8
9
10
80
4600 G15
7
6
5
40
60
100
VIN = 12V
VO = 3.3V
0LFM
200LFM
400LFM
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com