| Zakładka z wyszukiwarką danych komponentów |
|
MIC3003GML Arkusz danych(PDF) 7 Page - Micrel Semiconductor |
|
|
|||||||||||||||||||||||||||||
MIC3003GML Arkusz danych(HTML) 7 Page - Micrel Semiconductor |
|
7 / 75 page ![]() Micrel, Inc. MIC3003 November 2009 7 M9999-111209-C hbwhelp@micrel.com or (408) 955-1690 List of Tables Table 1. MIC3003 Serial Interface Address Map, Device Address = A0h ............................................................... 15 Table 2. MIC3003 Serial Interface Address Map, Device Address = A2h ............................................................... 15 Table 3. MIC3003 Serial Interface Address Map (Temperature Compensation Tables), Device Address = A4h... 16 Table 4. MIC3003 Serial Interface Address Map (OEM Configuration Registers), Device Address = A6h............. 17 Table 5. A/D Input Signal Ranges and Resolutions ................................................................................................ 19 Table 6. VAUX Input Signal Ranges and Resolutions ............................................................................................... 19 Table 7. Alarms Interrupt Sources Masking Bits ..................................................................................................... 20 Table 8. Warnings Interrupt Sources Masking Bits ................................................................................................. 20 Table 9. RESETOUT Clear Delay ........................................................................................................................... 21 Table 10. LSB Values of Offset Coefficients ............................................................................................................. 23 Table 11. Internal Calibration Coefficient Memory Map – Part I................................................................................ 24 Table 12. Internal Calibration Coefficient Memory Map – Part II............................................................................... 24 Table 13. Shutdown State of SHDN vs. Configuration Bits...................................................................................... 27 Table 14. Shutdown State of VBIAS vs. Configuration Bits ........................................................................................ 27 Table 15. Shutdown State of VMOD vs. Configuration Bits ........................................................................................ 27 Table 16. Temperature Compensation Look-up Tables............................................................................................ 30 Table 17. APC Temperature Compensation Look-Up Table.................................................................................... 31 Table 18. IMOD Temperature Compensation Look-Up Table..................................................................................... 31 Table 19. IBIAS Comparator Temperature Compensation Look-Up Table.................................................................. 31 Table 20. BIAS Current High Alarm Temperature Compensation Table .................................................................. 31 Table 21. MIC3003 Alarm and Warning Events ........................................................................................................ 33 Table 22. Test and Diagnostic Features.................................................................................................................... 37 |