| Zakładka z wyszukiwarką danych komponentów |
|
S2S4RBYF Arkusz danych(PDF) 10 Page - Sharp Corporation |
|
|
|||||||||||||||||||||||||||||
S2S4RBYF Arkusz danych(HTML) 10 Page - Sharp Corporation |
|
10 / 15 page ![]() ■ Manufacturing Guidelines Reflow Soldering: Reflow soldering should follow the temperature profile shown below. Soldering should not exceed the curve of temperature profile and time. Please don't solder more than twice. ● Soldering Method Flow Soldering : Due to SHARP's double transfer mold construction submersion in flow solder bath is allowed under the below listed guidelines. Flow soldering should be completed below 260˚C and within 10s. Preheating is within the bounds of 100 to 150˚C and 30 to 80s. Please don't solder more than twice. Hand soldering Hand soldering should be completed within 3s when the point of solder iron is below 400˚C. Please don't solder more than twice. Other notices Please test the soldering method in actual condition and make sure the soldering works fine, since the impact on the junction between the device and PCB varies depending on the tooling and soldering conditions. 10 12 3 4 300 200 100 0 0 (˚C) Terminal : 260˚C peak ( package surface : 250˚C peak) Preheat 150 to 180˚C, 120s or less Reflow 220˚C or more, 60s or less (min) S2S4 Series Sheet No.: D2-A06601EN |