| Zakładka z wyszukiwarką danych komponentów |
|
3544G-S08-R Arkusz danych(PDF) 7 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
3544G-S08-R Arkusz danych(HTML) 7 Page - Unisonic Technologies |
|
7 / 10 page ![]() 3544 LINEAR INTEGRATED CIRCUIT UNISONICTECHNOLOGIESCO.,LTD 7 of 10 www.unisonic.com.tw QW-R107-040,C APPLICATION EXAMPLE 8 7 65 12 34 BIAS 90K 90K 6dB 6dB TSD MUTE + + OUT1 MUTE IN1 GND Vcc OUT2 BIAS IN2 VMUTE H:Active L:Mute 100k 1μ 1μ VIN1 1μ VIN2 47μ + + + + 330μ Vcc C3 C5 C6 C2 R2 C1 C7 330μ EXPLANATION OF EXTERNAL COMPONENTS (1)Input coupling capacitor (C3 and C5) First determined by the low-band cut-off frequency. Because the input impedance is 180kΩ for this IC, it can be determined by this formula C3(C5)=1/(2π×180kΩ×f) But make sure taking the fluctuations, ambient temperature, etc into consideration. A multi-layered ceramic capacitor is recommended. (2)BIAS capacitor(C6) 47μF when Vcc=5V, and 33μF when Vcc=3V. Before changing these values take the sufficient considerations.It is because the electrical characteristics will be adversely affected and popping noise may occur if the capacitance is lowered too much. (3)MUTE pin for anti-pop measures (R2 and C2) An impedance of 190kΩ must be possessed with respect to GND, so the MUTE mode may become unable to be released if R2 is increased too much. (4)Output coupling capacitor(C1 and C7) Also determined by the low-band cutoff frequency. Like the output load resistance value RL (a resistor Rx will be inserted ,assuming that for output protection or current limiting), it can be calculated by this formula C1(C7)=1/(2π×(RL+Rx) ×f) (5)Input gain adjustment resistor(R3 and R4) External resistors R3 and R4 can perform input gain adjustment .The desired gain can be calculated by this formula Gv=6+20log(90kΩ/(90kΩ+R3))[dB] |