| Zakładka z wyszukiwarką danych komponentów |
|
IXFN32N80P Arkusz danych(PDF) 2 Page - IXYS Corporation |
|
|
|||||||||||||||||||||||||||||
IXFN32N80P Arkusz danych(HTML) 2 Page - IXYS Corporation |
|
2 / 4 page ![]() IXYS reserves the right to change limits, test conditions, and dimensions. IXFN32N80P Symbol Test Conditions Characteristic Values (T J = 25°C, unless otherwise specified) Min. Typ. Max. g fs V DS = 20 V; I D = 16A, Note 1 20 38 S C iss 8820 nF C oss V GS = 0 V, V DS = 25 V, f = 1 MHz 660 pF C rss 22 pF t d(on) 30 ns t r V GS = 10 V, V DS = 0.5 VDSS, I D = 16A 29 ns t d(off) R G = 2 Ω (External) 85 ns t f 26 ns Q g(on) 150 nC Q gs V GS = 10 V, V DS = 0.5 VDSS, ID = 16 A 39 nC Q gd 44 nC R thJC 0.2 °C/W R thCS 0.05 °C/W Source-Drain Diode Characteristic Values (T J = 25°C, unless otherwise specified) Symbol Test Conditions Min. Typ. Max. I S V GS = 0 V 60 A I SM Repetitive 150 A V SD I F = IS, VGS = 0 V, Note 1 1.5 V t rr I F = 25A, -di/dt = 100 A/μs 250 ns Q RM V R = 100V 0.8 μC I RM 8.0 A Notes: 1. Pulse test, t ≤ 300 μs, duty cycle d ≤ 2 % SOT-227B Outline IXYS MOSFETs and IGBTs are covered by 4,835,592 4,931,844 5,049,961 5,237,481 6,162,665 6,404,065 B1 6,683,344 6,727,585 7,005,734 B2 one or moreof the following U.S. patents: 4,850,072 5,017,508 5,063,307 5,381,025 6,259,123 B1 6,534,343 6,710,405 B2 6,759,692 7,063,975 B2 4,881,106 5,034,796 5,187,117 5,486,715 6,306,728 B1 6,583,505 6,710,463 6,771,478 B2 7,071,537 |