Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M24LR64-R_1006 Arkusz danych(PDF) 64 Page - STMicroelectronics

Numer części M24LR64-R_1006
Szczegółowy opis  64 Kbit EEPROM with password protection & dual interface
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24LR64-R_1006 Arkusz danych(HTML) 64 Page - STMicroelectronics

Back Button M24LR64-R_1006 Datasheet HTML 60Page - STMicroelectronics M24LR64-R_1006 Datasheet HTML 61Page - STMicroelectronics M24LR64-R_1006 Datasheet HTML 62Page - STMicroelectronics M24LR64-R_1006 Datasheet HTML 63Page - STMicroelectronics M24LR64-R_1006 Datasheet HTML 64Page - STMicroelectronics M24LR64-R_1006 Datasheet HTML 65Page - STMicroelectronics M24LR64-R_1006 Datasheet HTML 66Page - STMicroelectronics M24LR64-R_1006 Datasheet HTML 67Page - STMicroelectronics M24LR64-R_1006 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 128 page
background image
Request format
M24LR64-R
64/128
Doc ID 15170 Rev 10
.
Table 25.
Request flags 5 to 8 when Bit 3 = 0
Bit No
Flag
Level
Description
Bit 5
Select flag(1)
1.
If the Select_flag is set to 1, the Address_flag is set to 0 and the UID field is not present in the request.
0
Request is executed by any M24LR64-R according to the setting of
Address_flag
1
Request is executed only by the M24LR64-R in Selected state
Bit 6
Address
flag(1)
0
Request is not addressed. UID field is not present. The request is
executed by all M24LR64-Rs.
1
Request is addressed. UID field is present. The request is executed
only by the M24LR64-R whose UID matches the UID specified in
the request.
Bit 7
Option flag
0
Option not activated.
1
Option activated.
Bit 8
RFU
0
Table 26.
Request flags 5 to 8 when Bit 3 = 1
Bit No
Flag
Level
Description
Bit 5
AFI flag
0
AFI field is not present
1
AFI field is present
Bit 6
Nb_slots flag
0
16 slots
11 slot
Bit 7
Option flag
0
Bit 8
RFU
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More