| Zakładka z wyszukiwarką danych komponentów |
|
M24LR64-R_1006 Arkusz danych(PDF) 110 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24LR64-R_1006 Arkusz danych(HTML) 110 Page - STMicroelectronics |
|
110 / 128 page ![]() Commands codes M24LR64-R 110/128 Doc ID 15170 Rev 10 26.22 Initiate On receiving the Initiate command, the M24LR64-R will set the internal Initiate_flag and send back a response only if it is in the ready state. The command has to be issued in the Non Addressed mode only (Select_flag is reset to 0 and Address_flag is reset to 0). If an error occurs, the M24LR64-R does not generate any answer. The Initiate_flag is reset after a power off of the M24LR64-R. The request contains: ● No data The response contains: ● the flags ● the Unique ID Table 97. Initiate request format Request SOF Request_flags Initiate IC Mfg code CRC16 Request EOF 8 bits D2h 02h 16 bits Table 98. Initiate Initiated response format Response SOF Response _flags DSFID UID CRC16 Response EOF 8 bits 8 bits 64 bits 16 bits Figure 70. Initiate frame exchange between VCD and M24LR64-R VCD SOF Initiate request EOF M24LR64 -R <-t1-> SOF Initiate response EOF |