| Zakładka z wyszukiwarką danych komponentów |
|
M24LR64-RMB6T2 Arkusz danych(PDF) 64 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24LR64-RMB6T2 Arkusz danych(HTML) 64 Page - STMicroelectronics |
|
64 / 128 page ![]() Request format M24LR64-R 64/128 Doc ID 15170 Rev 10 . Table 25. Request flags 5 to 8 when Bit 3 = 0 Bit No Flag Level Description Bit 5 Select flag(1) 1. If the Select_flag is set to 1, the Address_flag is set to 0 and the UID field is not present in the request. 0 Request is executed by any M24LR64-R according to the setting of Address_flag 1 Request is executed only by the M24LR64-R in Selected state Bit 6 Address flag(1) 0 Request is not addressed. UID field is not present. The request is executed by all M24LR64-Rs. 1 Request is addressed. UID field is present. The request is executed only by the M24LR64-R whose UID matches the UID specified in the request. Bit 7 Option flag 0 Option not activated. 1 Option activated. Bit 8 RFU 0 Table 26. Request flags 5 to 8 when Bit 3 = 1 Bit No Flag Level Description Bit 5 AFI flag 0 AFI field is not present 1 AFI field is present Bit 6 Nb_slots flag 0 16 slots 11 slot Bit 7 Option flag 0 Bit 8 RFU 0 |