Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TP89JGS2HATR Arkusz danych(PDF) 3 Page - GREATECS

Numer części TP89JGS2HATR
Szczegółowy opis  5x5mm SMT Halogen-Free Tactile Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GREATECS [GREATECS]
Strona internetowa  http://www.greatecs.com
Logo GREATECS - GREATECS

TP89JGS2HATR Arkusz danych(HTML) 3 Page - GREATECS

  TP89JGS2HATR Datasheet HTML 1Page - GREATECS TP89JGS2HATR Datasheet HTML 2Page - GREATECS TP89JGS2HATR Datasheet HTML 3Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Tactile Switches
5x5mm SMT Halogen-Free Tactile Switches
TP89 Series
sales@greatecs.com
www.greatecs.com
3
Temperature Profile:
Temperature
Room
150°
MAX 260°
60sec
120~150sec
TIME(sec)
255°
230°
5~10sec
General Tolerance ±0.1mm
SOLDERING PROCESS
> Hand Soldering:
Use a soldering iron of 30 watts, controlled at 350°C approximately Max 5 seconds while applying solder.
> Vapor phase & reflow soldering:
Tape & Reel Packaging:
Gull Wing Terminals:
J Bend Terminals:
TP89SG...3...
TP89SG...2...
General Tolerance ±0.1mm
TP89JG...3...
TP89JG...2...



Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com