Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FST6220 Arkusz danych(PDF) 2 Page - Microsemi Corporation

Numer części FST6220
Szczegółowy opis  Schottky Oring Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROSEMI [Microsemi Corporation]
Strona internetowa  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

FST6220 Arkusz danych(HTML) 2 Page - Microsemi Corporation

  FST6220 Datasheet HTML 1Page - Microsemi Corporation FST6220 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FST6210 - FST6220
Reverse Voltage - Volts
.01
.1
25 C
5V
10V
20V
15V
Typical Reverse Characteristics - Per Leg
Instantaneous Forward Voltage - Volts
100 125 C
10
1
1000
Figure 2
0
0.1
0.2
0.2
0.4
0.4
0.6
0.8
1.0
1.2
1.4
60
6.0
0.8
0.6
1.0
2.0
4.0
125 C
20
10
8.0
40
25 C
Typical Forward Characteristics - Per Leg
Figure 1
100
80
50
50
Average Forward Current - Amperes
0
2
0
4
10
5
15
60
35
20
25
30
40
45
Maximum Forward Power Dissipation - Per Leg
Average Forward Current - Amperes
120
8
6
10
Figure 5
12
14
90
107
0
104
110
116
113
10
5
60
15
90
120
180
DC
35
180
20
25
30
40
DC
45
100
Reverse Voltage - Volts
Forward Current Derating - Per Leg
119
125
122
Figure 4
0.1
0.5
1.0
6000
2000
1000
4000
40000
20000
10000
10
5.0
50
Typical Junction Capacitance - Per Leg
Figure 3
100000
60000
January, 2010 - Rev. 2
www.microsemi.com



Html Pages

1 2