| Zakładka z wyszukiwarką danych komponentów |
|
MP6KE68A Arkusz danych(PDF) 2 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
MP6KE68A Arkusz danych(HTML) 2 Page - Microsemi Corporation |
|
2 / 4 page ![]() TECHNICAL DATA SHEET Gort Road Business Park, Ennis, Co. Clare, Ireland. 6 Lake Street, Lawrence, MA 01841 Tel: +353 (0) 65 6840044, Fax: +353 (0) 65 6822298 Tel: 1-800-446-1158 / (978) 794-1666, Fax: (978) 6890803 Website: http://www.microsemi.com ___________________________________________________________________________________________________________________________________ RF01007 Rev A, June 2010 High Reliability Product Group Page 2 of 4 MECHANICAL AND PACKAGING Void-free transfer molded thermosetting epoxy body meeting UL94V-0 Tin-Lead (90 % Sn, 10 % Pb) or RoHS (100% Sn) Compliant annealed matte-Tin plating readily solderable per MIL-STD-750, method 2026 Body marked with part number Cathode indicated by band. No cathode band on bi-directional devices. Available in bulk or custom tape-and-reel packaging TAPE-AND-REEL standard per EIA- 296 (add “TR” suffix to part number) Weight: 0.7 gram (approximately) PACKAGE DIMENSIONS SYMBOLS & DEFINITIONS Symbol Definition Symbol Definition VWM Working Peak (Standoff) Voltage IPP Peak Pulse Current PPP Peak Pulse Power VC Clamping Voltage VBR Breakdown Voltage IBR Breakdown Current for VBR ID Standby Current NOTE: Cathode indicated by band. All dimensions in millimeters (inches) |