Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

VJ448M Arkusz danych(PDF) 1 Page - Microsemi Corporation

Numer części VJ448M
Szczegółowy opis  Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROSEMI [Microsemi Corporation]
Strona internetowa  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VJ448M Arkusz danych(HTML) 1 Page - Microsemi Corporation

  VJ448M Datasheet HTML 1Page - Microsemi Corporation VJ448M Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ROHS Compliant
Operating junction temp range
Storage temperature range
J
T
T
Mounting torque
STG
Peak Reverse
Voltage
10 Amps DC Output
100 Amp Surge Current
Microsemi
Catalog Number
200V
VJ248M - VJ1048M
Bridge Rectifiers
VJ248M
RRM to 1000V
V
2000V Isolation
FM = 1.0A: J = 25°C
RM 5µA
FM 1.3 Volts
I t 41 A s
V
T
T
I
VRRM, J = 25°C
FSM 100 Amps
o 10 Amps
Max. peak reverse current per leg
Max. peak forward voltage per leg
Max. I t for fusing
Maximum surge current
DC current output
l
l
l
8.3ms, half sine
12-15 inch pounds (#6 screw)
-55°C to 175°C
-55°C to 175°C
Thermal and Mechanical Characteristics
*Pulse test: Pulse width 300µsec, Duty cycle 2%
*
Electrical Characteristics
Notes
.295
.411
.600
.076
.545
F
E
C
D
B
.096
.555
.310
.441
.620
---
---
13.85
10.44
---
---
14.10
---
11.20
---
Maximum
Minimum
Dim. Inches
.137
A
.167
Maximum
Millimeter
Minimum
3.84
2.21
Maximum thermal resistance
OJC
R
3°C/W Junction to case
VJ448M
400V
VJ648M
600V
Glass Passivated Die
2
C = 95°C
T
2
2
Weight
.14 ounces (4.5 grams) typical
H
1.0 Min.
25.40 Min.
G
.076
.096
.970
1.07
J
.195
.215
4.95
5.46
(+)
(-)
AC
AC
Dia.
C
D
A
F
B
E
G
H
J
VJ848M
800V
1000V
VJ1048M
January, 2010 - Rev. 3
www.microsemi.com


Podobny numer części - VJ448M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microsemi Corporation
VJ448M MICROSEMI-VJ448M Datasheet
89Kb / 2P
Bridge Rectifiers
More results

Podobny opis - VJ448M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microsemi Corporation
VJ248M MICROSEMI-VJ248M Datasheet
89Kb / 2P
Bridge Rectifiers
logo
List of Unclassifed Man...
MP610 ETC1-MP610 Datasheet
80Kb / 1P
BRIDGE RECTIFIERS
logo
Semikron International
CS10S SEMIKRON-CS10S Datasheet
200Kb / 2P
Bridge rectifiers
logo
Fairchild Semiconductor
2KBP005M FAIRCHILD-2KBP005M Datasheet
42Kb / 3P
Bridge Rectifiers
2KBP005M FAIRCHILD-2KBP005M_10 Datasheet
109Kb / 3P
Bridge Rectifiers
DF005S FAIRCHILD-DF005S_10 Datasheet
121Kb / 3P
Bridge Rectifiers
MB1S FAIRCHILD-MB1S_09 Datasheet
173Kb / 3P
Bridge Rectifiers
logo
Dongguan City Niuhang E...
KBL4005 NIUHANG-KBL4005 Datasheet
4Mb / 5P
BRIDGE RECTIFIERS
logo
Guangdong Juxing Electr...
GBJ35005 JUXING-GBJ35005 Datasheet
950Kb / 2P
BRIDGE RECTIFIERS
GBU6005G JUXING-GBU6005G Datasheet
1Mb / 2P
BRIDGE RECTIFIERS
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com