Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SSESD05 Arkusz danych(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Numer części SSESD05
Szczegółowy opis  150 mW, 5 V Transient Voltage Suppressors for ESD Protection (Uni-directional)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SECOS [SeCoS Halbleitertechnologie GmbH]
Strona internetowa  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSESD05 Arkusz danych(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSESD05 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSESD05 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SSESD05
150 mW, 5 V
Transient Voltage Suppressors
for ESD Protection (Uni-directional)
01-June-2002 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
DESCRIPTION
The SSESD05 is designed to protect voltage-sensitive components from ESD. Excellent clamping capability, low
leakage, and fast response time provide best in class protection on designs that are exposed to ESD. Because of its small
size, it is suited for use in cellular phones, MP3 players, digital cameras and many other portable applications where board
space is at a premium.
APPLICATIONS
Cellular phones / audio
Portable devices
Digital cameras
MP3 players
FEATURES
Small Body Outline Dimensions:
0.039” x 0.024”(1.0 mm x 0.60 mm)
Low Body Height: 0.017” (0.43 mm) Max
Stand−off Voltage: 5 V
Low Leakage
Current
Response Time is typically < 1 ns
ESD Rating of Class 3 (> 16 kV)
per Human Body Model
IEC61000−4−2 Level 4 ESD Protection
These are Pb−Free Devices
ABSOLUTE RATINGS (Tamb = 25°C )
Rating
Symbol
Value
Units
IEC 61000-4-2 (ESD)
Air contact
Contact discharge
±
15
±
8
kV
kV
ESD voltage
Per human body model
16
kV
Total power dissipation on FR-5 Board (Note 1) @ TA=25℃
PD
150
mW
Junction and storage temperature range
TJ, TSTG
-55 ~ +150
°C
Lead solder temperature – maximum (10 Second duration)
TL
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Rating are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
1. FR-5 = 1.0*0.75*0.62 in.
ELECTRICAL CHARACTERISTICS
(Ratings at 25°C ambient temperature unless otherwise specified.VF = 0.9V at IF = 10mA)
VRWM
(V)
IR(uA)
@ VRWM
VBR (V)
@ IT (Note 2)
IT
(mA)
VC (V)
@ Max IPP
(Note 3)
IPP
(A)
(Note 3)
PPK
(W)*
C
(pF)
Device
Max
Max
Min
mA
Max
Max
Max
Typ
SSESD05
5.0
1.0
6.2
1.0
12.3
8.7
107
65
Other voltages available upon request.
2. VBR is measured with a pulse test current IT at an ambient temperature of 25℃
3. Surge current waveform per Figure 3.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
SOD-923
0.34~0.43
0.95~1.05
0.75~0.85
Dimensions in millimeters
0.55~0.65
0.05~0.15
0.07~0.17
0.15~0.25
The marking band indicates cathode.
Uni-direction


Podobny numer części - SSESD05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05 Datasheet
313Kb / 2P
Transient Voltage Suppressors
SSESD05C SECOS-SSESD05C Datasheet
1Mb / 2P
Transient Voltage Suppressors for ESD Protection
SSESD05C SECOS-SSESD05C_11 Datasheet
177Kb / 2P
150W , 5V Transient Voltage Suppressors for ESD Protection (Bi-directional)
SSESD05C SECOS-SSESD05C_15 Datasheet
177Kb / 2P
Transient Voltage Suppressors
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
Transient Voltage Suppressors
More results

Podobny opis - SSESD05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C Datasheet
199Kb / 2P
Transient Voltage Suppressors for ESD Protection (Bi-directional)
SSESD03 SECOS-SSESD03 Datasheet
321Kb / 2P
150 mW, 3.3 V Transient Voltage Suppressors for ESD Protection (Uni-directional)
logo
Infineon Technologies A...
ESD5V0S1U-02V INFINEON-ESD5V0S1U-02V Datasheet
1Mb / 16P
Uni-directional ESD / Transient Protection Diode
Revision 1.1, 2012-05-31
logo
SeCoS Halbleitertechnol...
ESD36-C SECOS-ESD36-C Datasheet
165Kb / 2P
Transient Voltage Suppressors for ESD Protection (Uni-direction)
ESD24R SECOS-ESD24R Datasheet
409Kb / 3P
Transient Voltage Suppressors for ESD Protection (Uni-direction)
logo
AiT Semiconductor Inc.
ESD3Z12 AITSEMI-ESD3Z12 Datasheet
697Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD3Z5.0 AITSEMI-ESD3Z5.0 Datasheet
697Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD5D5.0C AITSEMI-ESD5D5.0C Datasheet
536Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD9D3.3C AITSEMI-ESD9D3.3C Datasheet
456Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
TVS16H5.0 AITSEMI-TVS16H5.0 Datasheet
387Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com