Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SSP7481P Arkusz danych(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Numer części SSP7481P
Szczegółowy opis  P-Channel Enhancement MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SECOS [SeCoS Halbleitertechnologie GmbH]
Strona internetowa  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSP7481P Arkusz danych(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSP7481P Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSP7481P Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SSP7481P
-6.7 A, -80 V, RDS(ON) 75 m
P-Channel Enhancement MOSFET
Elektronische Bauelemente
29-Jul-2010 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
These miniature surface mount MOSFETs utilize a high cell density trench process
to provide low RDS(on) and to ensure minimal power loss and heat dissipation.
Typical applications are DC-DC converters and power management in
portable and battery-powered products such as computers, printers,
PCMCIA cards, cellular and cordless telephones.
FEATURES
Low RDS(on) provides higher efficiency and extends battery life.
Low thermal impedance copper leadframe SOP-8PP saves board
space.
Fast switching speed.
High performance trench technology.
PRODUCT SUMMARY
PRODUCT SUMMARY
VDS(V)
RDS(on) (m
ID(A)
-80
75@VGS= -10V
-6.7
90@VGS= -4.5V
-6.1
ABSOLUTE MAXIMUM RATINGS AND THERMAL DATA(TA = 25°C unless otherwise specified)
PARAMETER
SYMBOL
RATING
UNIT
Drain-Source Voltage
VDS
-80
V
Gate-Source Voltage
VGS
±
20
V
Continuous Drain Current
A
TA=25°C
ID
-6.7
A
TA=70°C
-5.0
Pulsed Drain Current
B
IDM
±
50
A
Continuous Source Current (Diode Conduction)
A
IS
-2.1
A
Power Dissipation
A
TA=25°C
PD
5.0
W
TA=70°C
3.2
Operating Junction and Storage Temperature Range
TJ, TSTG
-55 ~ 150
°C
THERMAL RESISTANCE DATA
Maximum Junction to Ambient
A
t≦10 sec
RθJA
25
°C / W
Steady-State
65
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature.

Gate

Source

Drain
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
1.00
1.10
θ
0
°
12
°
B
5.70
5.80
b
0.33
0.51
C
0.20
0.30
d
1.27BSC
D
3.61
3.98
e
1.35
1.75
E
5.40
6.10
g
1.10
-
F
0.08
0.20
G
3.60
3.99
SOP-8PP
B
E
F
G
g
A
e
b
θ
D
C
d


Podobny numer części - SSP7481P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SeCoS Halbleitertechnol...
SSP7481P SECOS-SSP7481P_15 Datasheet
206Kb / 2P
P-Channel Enhancement MOSFET
More results

Podobny opis - SSP7481P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SeCoS Halbleitertechnol...
SMG2321P SECOS-SMG2321P Datasheet
553Kb / 4P
P-Channel Enhancement MOSFET
SMG2345P SECOS-SMG2345P Datasheet
71Kb / 2P
P-Channel Enhancement MOSFET
SSN3139K SECOS-SSN3139K Datasheet
336Kb / 3P
P Channel Enhancement MOSFET
SMG2361P SECOS-SMG2361P Datasheet
450Kb / 4P
P-Channel Enhancement MOSFET
logo
Guangdong Kexin Industr...
AO3409-3 KEXIN-AO3409-3 Datasheet
1Mb / 4P
P-Channel Enhancement MOSFET
AO3409-HF-3 KEXIN-AO3409-HF-3 Datasheet
1Mb / 4P
P-Channel Enhancement MOSFET
AO3419-3 KEXIN-AO3419-3 Datasheet
1Mb / 4P
P-Channel Enhancement MOSFET
KX9435 KEXIN-KX9435 Datasheet
1Mb / 4P
P-Channel Enhancement MOSFET
SI2301DS-3 KEXIN-SI2301DS-3 Datasheet
1Mb / 5P
P-Channel Enhancement MOSFET
SI2303DS KEXIN-SI2303DS Datasheet
1Mb / 4P
P-Channel Enhancement MOSFET
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com