Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FTR-K3JB048W-NIL Arkusz danych(PDF) 7 Page - fujitsu semiconductor

Numer części FTR-K3JB048W-NIL
Szczegółowy opis  POWER RELAY 1 POLE - 20A Heavy Load
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FUJITSU [fujitsu semiconductor]
Strona internetowa  
Logo FUJITSU - fujitsu semiconductor

FTR-K3JB048W-NIL Arkusz danych(HTML) 7 Page - fujitsu semiconductor

  FTR-K3JB048W-NIL Datasheet HTML 1Page - fujitsu semiconductor FTR-K3JB048W-NIL Datasheet HTML 2Page - fujitsu semiconductor FTR-K3JB048W-NIL Datasheet HTML 3Page - fujitsu semiconductor FTR-K3JB048W-NIL Datasheet HTML 4Page - fujitsu semiconductor FTR-K3JB048W-NIL Datasheet HTML 5Page - fujitsu semiconductor FTR-K3JB048W-NIL Datasheet HTML 6Page - fujitsu semiconductor FTR-K3JB048W-NIL Datasheet HTML 7Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
FTR-K1 SERIES
Fujitsu Components International Headquarter Offices
FTR-K3 SERIES
Japan
Fujitsu Component Limited
Gotanda-Chuo Building
3-5, Higashigotanda 2-chome, Shinagawa-ku
Tokyo 141, Japan
Tel: (81-3) 5449-7010
Fax: (81-3) 5449-2626
Email: promothq@ft.ed.fujitsu.com
Web: www.fcl.fujitsu.com
North and South America
Fujitsu Components America, Inc.
250 E. Caribbean Drive
Sunnyvale, CA 94089 U.S.A.
Tel: (1-408) 745-4900
Fax: (1-408) 745-4970
Email: components@us.fujitsu.com
Web: http://us.fujitsu.com/components
Europe
Fujitsu Components Europe B.V.
Diamantlaan 25
2132 WV Hoofddorp
Netherlands
Tel: (31-23) 5560910
Fax: (31-23) 5560950
Email: info@fceu.fujitsu.com
Web: emea.fujitsu.com/components/
Asia Pacific
Fujitsu Components Asia Ltd.
102E Pasir Panjang Road
#01-01 Citilink Warehouse Complex
Singapore 118529
Tel: (65) 6375-8560
Fax: (65) 6273-3021
Email: fcal@fcal.fujitsu.com
Web: http://www.fujitsu.com/sg/services/micro/components/
©2011 Fujitsu Components Europe B.V. All rights reserved. All trademarks or registered trademarks are the property of their respective owners.
The contents, data and information in this datasheet are provided by Fujitsu Component Ltd. as a service only to its user and only for general
information purposes.
The use of the contents, data and information provided in this datasheet is at the users’ own risk.
Fujitsu has assembled this datasheet with care and will endeavor to keep the contents, data and information correct, accurate, comprehensive,
complete and up to date.
FujitsuComponentsEuropeB.V.andaffiliatedcompaniesdohowevernotacceptanyresponsibilityorliabilityontheirbehalf,noronbehalfofits
employees, for any loss or damage, direct, indirect or consequential, with respect to this datasheet, its contents, data, and information and related
graphics and the correctness, reliability, accuracy, comprehensiveness, usefulness, availability and completeness thereof.
NordoFujitsuComponentsEuropeB.V.andaffiliatedcompaniesacceptontheirbehalf,noronbehalfofitsemployees,anyresponsibilityorliability
foranyrepresentationorwarrantofanykind,expressorimplied,includingwarrantiesofanykindformerchantabilityorfitnessforparticularuse,
with respect to these datasheets, its contents, data, information and related graphics and the correctness, reliability, accuracy, comprehensiveness,
usefulness, availability and completeness thereof. Rev. July 13, 2011



Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com