Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FTR-K3JB048W-HC Arkusz danych(PDF) 3 Page - fujitsu semiconductor

Numer części FTR-K3JB048W-HC
Szczegółowy opis  POWER RELAY 1 POLE - 20A Heavy Load
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FUJITSU [fujitsu semiconductor]
Strona internetowa  
Logo FUJITSU - fujitsu semiconductor

FTR-K3JB048W-HC Arkusz danych(HTML) 3 Page - fujitsu semiconductor

  FTR-K3JB048W-HC Datasheet HTML 1Page - fujitsu semiconductor FTR-K3JB048W-HC Datasheet HTML 2Page - fujitsu semiconductor FTR-K3JB048W-HC Datasheet HTML 3Page - fujitsu semiconductor FTR-K3JB048W-HC Datasheet HTML 4Page - fujitsu semiconductor FTR-K3JB048W-HC Datasheet HTML 5Page - fujitsu semiconductor FTR-K3JB048W-HC Datasheet HTML 6Page - fujitsu semiconductor FTR-K3JB048W-HC Datasheet HTML 7Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
FTR-K1 SERIES
n
COIL RATING
Type
Compliance
Contact rating
FTR-K3
FTR-K3-LS
FTR-K3-HC
UL
UL508
No. E63614
20A, 277VAC (resistive at 60 °C)
1hp, 125VAC (at 60 °C)
2hp, 277VAC (100,000 ops. at 60 °C)
25A, 277VAC
(resistive at 60 °C)
1hp, 125VAC (at 60 °C)
2hp, 277VAC (100,000 ops.
at 60 °C)
CSA
C22.2 No. 14
No. LR40304
20A, 277VAC (resistive)
1hp, 125VAC
2hp, 277VAC (100,000
ops.)
-
25A, 277VAC (resistive)
1hp, 125VAC
2hp, 277VAC (100,000
ops.)
VDE
IEC61810-1
20A, 250VAC (cos
φ=1) 60 °C
25A, 250VAC (cos
φ=1)
60 °C
CQC
GB15092-1
GB8898
GB/T21711.1
No. 04001009179
20A, 250VAC
-
25A, 250VAC
SEMKO
EN61058-1
EN61095
20A, 250VAC, 40T60/
20 (13.33) A
250VAC, 40T60
20/200A
100VAC, 40T60
-
-
TUV
EN61810-1
IEC61810-1
-
20A, 250VAC (cos
φ=1)
60 °C
-
n
SAFETY STANDARDS
FTR-K3 SERIES
Coil
Code
Rated Coil
Voltage
(VDC)
Coil Resistance
+/- 10% (Ohm)
Must Operate
Voltage
(VDC) *
Must Release-
Voltage
(VDC) *
Rated Power
(mW)
005
5
32
3.5
0.5
780
006
6
46
4.2
0.6
009
9
105
6.3
0.9
012
12
185
8.4
1.2
018
18
415
12.6
1.8
024
24
740
16.8
2.4
048
48
2,955
33.6
4.8
Note: All values in the table are valid for 20°C and zero contact current.
*Specifiedoperatevaluesarevalidforpulsewavevoltage.



Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com