| Zakładka z wyszukiwarką danych komponentów |
|
PCF8563TS-4 Arkusz danych(PDF) 29 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8563TS-4 Arkusz danych(HTML) 29 Page - NXP Semiconductors |
|
29 / 45 page ![]() PCF8563 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2011. All rights reserved. Product data sheet Rev. 9 — 16 June 2011 29 of 45 NXP Semiconductors PCF8563 Real-time clock/calendar [1] For reliable oscillator start-up at power-up: VDD(min)power-up =VDD(min) +0.3 V. [2] Timer source clock = 1⁄60 Hz, level of pins SCL and SDA is VDD or VSS. [3] Tested on sample basis. Outputs IOL LOW-level output current output sink current; VOL =0.4 V; VDD =5V on pin SDA 3 - - mA on pin INT 1- - mA on pin CLKOUT 1 - - mA ILO output leakage current VO =VDD or VSS 10 +1 A Voltage detector Vlow low voltage Tamb =25 C; sets bit VL; see Figure 7 -0.9 1.0 V Table 29. Static characteristics …continued VDD = 1.8 V to 5.5 V; VSS =0V; Tamb = 40 C to +85 C; fosc = 32.768 kHz; quartz Rs =40 k; CL = 8 pF; unless otherwise specified. Symbol Parameter Conditions Min Typ Max Unit Tamb =25 C; Timer = 1 minute. Tamb =25 C; Timer = 1 minute. Fig 24. Supply current IDD as a function of supply voltage VDD; CLKOUT disabled Fig 25. Supply current IDD as a function of supply voltage VDD; CLKOUT = 32 kHz 02 6 mgr888 4 VDD (V) 1 0 0.4 0.2 0.8 0.6 IDD ( μA) 02 6 mgr889 4 VDD (V) 1 0 0.4 0.2 0.8 0.6 IDD ( μA) |