Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PCF8564ACX9-B-1 Arkusz danych(PDF) 33 Page - NXP Semiconductors

Numer części PCF8564ACX9-B-1
Szczegółowy opis  Real time clock and calendar
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8564ACX9-B-1 Arkusz danych(HTML) 33 Page - NXP Semiconductors

Back Button PCF8564ACX9-B-1 Datasheet HTML 29Page - NXP Semiconductors PCF8564ACX9-B-1 Datasheet HTML 30Page - NXP Semiconductors PCF8564ACX9-B-1 Datasheet HTML 31Page - NXP Semiconductors PCF8564ACX9-B-1 Datasheet HTML 32Page - NXP Semiconductors PCF8564ACX9-B-1 Datasheet HTML 33Page - NXP Semiconductors PCF8564ACX9-B-1 Datasheet HTML 34Page - NXP Semiconductors PCF8564ACX9-B-1 Datasheet HTML 35Page - NXP Semiconductors PCF8564ACX9-B-1 Datasheet HTML 36Page - NXP Semiconductors PCF8564ACX9-B-1 Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 45 page
background image
PCF8564A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 30 September 2010
33 of 45
NXP Semiconductors
PCF8564A
Real time clock and calendar
17. Handling information
All input and output pins are protected against ElectroStatic Discharge (ESD) under
normal handling. When handling Metal-Oxide Semiconductor (MOS) devices ensure that
all normal precautions are taken as described in JESD625-A, IEC 61340-5 or equivalent
standards.
Table 32.
Solder bump description for all PCF8564ACX types
All x/y coordinates represent the position of the center of each bump with respect to the center
(x/y = 0) of the chip; see Figure 28.
Symbol
Bump
X (
μm)
Y (
μm)
Description
OSCI
1
−368
738
oscillator input
OSCO
2
−368
188
oscillator output
INT
3
−368
−262
open-drain interrupt output (active LOW)
VSS
4
−368
−712
ground (substrate)
SDA
5
362
−712
serial data I/O
SCL
6
362
−262
serial clock input
CLKOUT
7
362
188
CMOS push-pull clock output
VDD
8
0
456
supply
CLKOE
9
362
738
CLKOUT output enable
Fig 29. Alignment marks of all PCF8564A types
Table 33.
Alignment marks of all PCF8564A types
All x/y coordinates represent the position of the REF point (see Figure 29) with respect to the center
(x/y = 0) of the chip; see Figure 27 and Figure 28.
Alignment markers
Size (
μm)
X (
μm)
Y (
μm)
C1
100
× 100
465.2
−826.3
C2
100
× 100
−523.0
890.0
F
90
× 117
−569.9
−885.5
REF
REF
C2
C1
F
013aaa036
REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45