Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

U10A2CIC Arkusz danych(PDF) 1 Page - KEC(Korea Electronics)

Numer części U10A2CIC
Szczegółowy opis  ULTRA FAST RECOVERY RECTIFIER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEC [KEC(Korea Electronics)]
Strona internetowa  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

U10A2CIC Arkusz danych(HTML) 1 Page - KEC(Korea Electronics)

  U10A2CIC_07 Datasheet HTML 1Page - KEC(Korea Electronics) U10A2CIC_07 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2007. 5. 21
1/2
SEMICONDUCTOR
TECHNICAL DATA
U10A2CIC
ULTRA FAST RECOVERY
RECTIFIER DIODE
Revision No : 0
SWITCHING TYPE POWER SUPPLY APPLICATION
CONVERTER & CHOPPER APPLICATION.
FEATURES
Ultra-Fast Recovery Time for High Efficiency.
Low Forward Voltage Drop, High Current Capability,
and Low Power Loss.
APPLICATION
Switching Power Supply.
Home Appliances, Office Equipment.
Telecommunication, Factory Automation.
DIM
MILLIMETERS
TO-220IS
0.76+0.09/-0.05
A
B
C
D
E
F
G
0.5+0.1/-0.05
H
1.2+0.25/-0.1
1.5+0.25/-0.1
J
K
L
M
N
P
Q
R
1
2
3
L
N
M
D
N
H
E
R
L
S
0.5 Typ
S
D
A
C
2.70 0.3
+
_
12.0 0.3
+
_
13.6 0.5
+
_
3.7 0.2
+
_
Φ3.2 0.2
+
_
10.0 0.3
+
_
15.0 0.3
+
_
3.0 0.3
+
_
4.5 0.2
+
_
2.54 0.1
+
_
+
2.6 0.2
_
6.8 0.1
+
_
1. ANODE
2. CATHODE
3. ANODE
ELECTRICAL CHARACTERISTICS (Ta=25
)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Maximum Reverse Voltage
VRM
200
V
Average Output Rectified Current
(Tc=125
)
(Note1)
IO
10
A
Peak One Cycle Surge Forward
Current (Non-Repetitive)
IFSM
50 (50Hz)
A
60 (60Hz)
Junction Temperature
Tj
-40~150
Storage Temperature Range
Tstg
-40~150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Peak Forward Voltage
(Note2)
VFM
IFM=5A
-
-
0.98
V
Reverse Current
(Note2)
IRM
VRM=Rated
-
-
10
A
Reverse Recovery Time
(Note2)
trr
IF=IR=100mA
-
-
50
ns
Thermal Resistance
(Note2)
Rth(j-c)
Junction to Case
-
-
3.6
/W
(Note1) : Average forward current of centertap full wave connection.
(Note2) : A Value of one cell.
3
1
2
MAXIMUM RATINGS (Ta=25
)
POLARITY


Podobny numer części - U10A2CIC_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KEC(Korea Electronics)
U10A2CIC KEC-U10A2CIC_02 Datasheet
153Kb / 1P
TO-220IS PACKAGE
More results

Podobny opis - U10A2CIC_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanken electric
FMXJ-2164S SANKEN-FMXJ-2164S Datasheet
328Kb / 8P
Ultra-Fast-Recovery Rectifier Diode
logo
Unisonic Technologies
BYR79-600 UTC-BYR79-600 Datasheet
140Kb / 3P
ULTRA FAST-RECOVERY RECTIFIER DIODE
logo
KEC(Korea Electronics)
U5A2CIC KEC-U5A2CIC_07 Datasheet
42Kb / 2P
ULTRA FAST RECOVERY RECTIFIER DIODE
U10A4CIC KEC-U10A4CIC_07 Datasheet
446Kb / 2P
ULTRA FAST RECOVERY RECTIFIER DIODE
U20A3CIC KEC-U20A3CIC_11 Datasheet
369Kb / 2P
ULTRA FAST RECOVERY RECTIFIER DIODE
U20A4CI KEC-U20A4CI Datasheet
370Kb / 2P
ULTRA FAST RECOVERY RECTIFIER DIODE
SMAU1G KEC-SMAU1G_07 Datasheet
439Kb / 2P
ULTRA FAST RECOVERY RECTIFIER DIODE
U5A6CD KEC-U5A6CD Datasheet
349Kb / 2P
ULTRA FAST RECOVERY RECTIFIER DIODE
U10A6CDC KEC-U10A6CDC Datasheet
349Kb / 2P
ULTRA FAST RECOVERY RECTIFIER DIODE
logo
Unisonic Technologies
BYR79 UTC-BYR79 Datasheet
166Kb / 3P
ULTRA FAST-RECOVERY RECTIFIER DIODE
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com