Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM2575T Arkusz danych(PDF) 5 Page - Semtech Corporation

Numer części LM2575T
Szczegółowy opis  1A & 3A Miniconverter Switching Regulators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEMTECH [Semtech Corporation]
Strona internetowa  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LM2575T Arkusz danych(HTML) 5 Page - Semtech Corporation

  LM2575T Datasheet HTML 1Page - Semtech Corporation LM2575T Datasheet HTML 2Page - Semtech Corporation LM2575T Datasheet HTML 3Page - Semtech Corporation LM2575T Datasheet HTML 4Page - Semtech Corporation LM2575T Datasheet HTML 5Page - Semtech Corporation LM2575T Datasheet HTML 6Page - Semtech Corporation LM2575T Datasheet HTML 7Page - Semtech Corporation LM2575T Datasheet HTML 8Page - Semtech Corporation LM2575T Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
ã 2001 Semtech Corp.
www.semtech.com
LM2575 & LM2576
POWER MANAGEMENT
TO-220-5
TO-263-5
e
c
i
v
e
D
)
1
(
e
g
a
k
c
a
Pt
n
e
r
r
u
C
X
X
-
T
5
7
5
2
M
L5
-
0
2
2
-
O
T
)
3
()
2
(
A
1
R
T
.
X
X
-
S
5
7
5
2
M
L5
-
3
6
2
-
O
T
)
4
(
X
X
-
T
6
7
5
2
M
L5
-
0
2
2
-
O
T
)
3
()
2
(
A
3
R
T
.
X
X
-
S
6
7
5
2
M
L5
-
3
6
2
-
O
T
)
4
(
Notes:
(1) -XX = Voltage Option. Available voltages are 3.3V
(-3.3), 5V (-5.0), 12V (-12), and ADJ (-ADJ), which is
adjustable between 1.23V and 35V.
(2) Lead bend options for TO-220-5 are: T-XX = Straight
in-line; T-XX-V = Vertical Staggered; T-XX-H = Horizontal
Staggered. Please refer to outline drawings at the end of
this datasheet.
(3) Only available in tube packaging. A tube contains 50
devices.
(4) Only available in tape and reel packaging. A reel
contains 800 devices.
6
7
5
2
M
L
,
5
7
5
2
M
L
n
i
Pn
o
it
c
n
u
F
1V
N
I
2T
U
P
T
U
O
3N
O
M
M
O
C
4K
C
A
B
D
E
E
F
5F
F
O
/
N
O
N
O
M
M
O
C
s
i
B
A
T
Pin Configurations
Ordering Information
Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com