| Zakładka z wyszukiwarką danych komponentów |
|
SC1205CS Arkusz danych(PDF) 1 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
SC1205CS Arkusz danych(HTML) 1 Page - Semtech Corporation |
|
1 / 12 page ![]() SC1205 HIGH SPEED SYNCHRONOUS POWER MOSFET DRIVER © 1999 SEMTECH CORP. 652 MITCHELL ROAD NEWBURY PARK CA 91320 PRELIMINARY - December 7, 1999 1 BLOCK DIAGRAM PIN CONFIGURATION Top View (SO-8) DESCRIPTION The SC1205 is a cost effective Dual MOSFET Driver designed for switching High and Low side Power MOSFETs. Each driver is capable of driving a 3000pF load in 20ns rise/fall time and has a 20ns max propagation delay from input transition to the gate of the power FET’s. An internal Overlap Protection Cir- cuit prevents shoot-through from Vin to GND in the main switching and synchronous MOSFET’s. The Overlap Protection circuit ensures the Bottom FET does not turn on until the Top FET source has reached a voltage low enough to prevent cross-conduction. The high current drive capability (2A peak) allows fast switching, thus reducing switching losses at high (1MHz) PWM frequencies. The high voltage CMOS process allows operation from 5-25 Volts at top MOS- FET drain, thus making SC1205 suitable for battery powered applications. Connecting Enable pin (EN) to logic low shuts down both drives and reduces operat- ing current to less than 10uA. An Under-Voltage-Lock-Out circuit is included to guar- antee that both driver outputs are low when the 5V logic level is less than or equal to 4.4V (typ) at supply ramp up (4.35V at supply ramp down). An Internal temperature sensor shuts down all drives in the event of overtemperature. SC1205 is fabricated utilizing CMOS technology for low quiescent current. The SC1205 is offered in a standard SO-8 package. FEATURES • Fast rise and fall times (15ns typical with 3000pf load) • 2Amp peak drive current • 14ns max Propagation delay (BG going low) • Adaptive Non-overlapping Gate Drives provide shoot-through protection • Floating top drive switches up to 25V • Under-Voltage lock-out • Overtemperature protection • Less than 10uA supply current when EN is low • Low cost APPLICATIONS • High Density sunchronous power supplies • Motor Drives/Class-D amps/Half bridge drivers • High frequency (to 1.2 MHz) operation allows use of small inductors and low cost caps in place of electrolytics • Portable computers • Battery powered applications TEL:805-498-2111 FAX:805-498-3804 WEB:http://www.semtech.com DEVICE (1) PACKAGE TEMP. RANGE (T J) SC1205CS SO-8 0 - 125°C ORDERING INFORMATION Note: (1) Add suffix ‘TR’ for tape and reel. |
Podobny numer części - SC1205CS |
|
Podobny opis - SC1205CS |