Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

556-1503-314F Arkusz danych(PDF) 2 Page - Dialight Corporation

Numer części 556-1503-314F
Szczegółowy opis  Day Light Viewable Panel Mount Indicators for 1' Mounting Hole
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIALIGHT [Dialight Corporation]
Strona internetowa  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

556-1503-314F Arkusz danych(HTML) 2 Page - Dialight Corporation

  556-1503-314F Datasheet HTML 1Page - Dialight Corporation 556-1503-314F Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
556 Series
Daylight Viewable LED Panel Mount Indicators
for 1” Mounting Hole
Watertight - NEMA4X IP66
Dialight Corporation
1501 Route 34 South • Farmingdale, NJ 07727 USA
Tel: (1) 732-919-3119 • Fax: (1) 732-751-5778 • www.dialight.com
Other voltages are available.
Please contact our factory for more information.
MDEL556CRL_A
Dialight reserves the right to make changes at any time
in order to supply the best product possible.
PART
NUMBER
COLOR
VOLTAGE
VOLTAGE
TYPE
CURRENT
(MA)
TYPICAL INTENSITY
(FL)
556-1503-314F
Red
12
VDC
95
3000
556-1603-314F
Green
12
VDC
60
4000
556-1683-314F
Cyan
12
VDC
60
4000
556-1703-314F
Yellow
12
VDC
95
3000
556-1803-314F
Blue
12
VDC
60
1200
556-1903-314F
Orange
12
VDC
95
3000
556-1504-314F
Red
24
VDC
46
3000
556-1604-314F
Green
24
VDC
32
4000
556-1684-314F
Cyan
24
VDC
32
4000
556-1704-314F
Yelloow
24
VDC
46
3000
556-1804-314F
Blue
24
VDC
32
1200
556-1904-314F
Orange
24
VDC
46
1200
556-1508-314F
Red
37.5
VDC
20
2600
556-1608-314F
Green
37.5
VDC
16
4000
556-1708-314F
Yellow
37.5
VDC
20
2600
556-1506-314F
Red
72
VDC
18.5
1800
556-1606-314F
Green
72
VDC
16
1800
556-1706-314F
Yellow
72
VDC
20
1000
556-1507-314F
Red
125
VDC
10
700
556-1607-314F
Green
125
VDC
10
1000
556-1707-314F
Yellow
125
VDC
10
700
556-1505-314F
Red
125
VAC
10.5
1200
556-1605-314F
Green
125
VAC
9.5
1800
556-1685-314F
Cyan
125
VAC
9.5
1800
556-1705-314F
Yellow
125
VAC
10.5
1200
556-1805-314F
Blue
125
VAC
9.5
500
556-1905-314F
Orange
125
VAC
10.5
500
556-1509-314F
Red
230
VAC
7
1200
556-1609-314F
Green
230
VAC
7
1800
556-1709-314F
Yellow
230
VAC
7
1200
556-1809-314F
Blue
230
VAC
7
500
556-1909-314F
Orange
230
VAC
7
1800



Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com