Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STV7623WPB3 Arkusz danych(PDF) 19 Page - STMicroelectronics

Numer części STV7623WPB3
Szczegółowy opis  480 output high-voltage gate driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7623WPB3 Arkusz danych(HTML) 19 Page - STMicroelectronics

Back Button STV7623WPB3 Datasheet HTML 15Page - STMicroelectronics STV7623WPB3 Datasheet HTML 16Page - STMicroelectronics STV7623WPB3 Datasheet HTML 17Page - STMicroelectronics STV7623WPB3 Datasheet HTML 18Page - STMicroelectronics STV7623WPB3 Datasheet HTML 19Page - STMicroelectronics STV7623WPB3 Datasheet HTML 20Page - STMicroelectronics STV7623WPB3 Datasheet HTML 21Page - STMicroelectronics STV7623WPB3 Datasheet HTML 22Page - STMicroelectronics STV7623WPB3 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
STV7623
Pad information
Doc ID 018939 Rev 1
19/27
*************************
*
*
*
PADS extraction
*
*
*
*************************
release 1.4
Mon Mar 01 18:49:21 SGT 2010
CHIP NAME:
STV7623_Top_ICPack
All dimensions are in Microns.
Pad Placement values correspond to each pad center coordinates.
Pad Placement Origin is the center of the die.
LEAD PAD NAME
PAD PLACEMENTS
PAD DIMENSIONS
X =
Y =
X =
Y =
Note: vss! == VN line
vss!
-8803.79
1251.455
73.1
73.1 (stress relief bump)
OUT<113>
-8670.0
1145.46
51.0
51.0
OUT<114>
-8602.0
1145.46
51.0
51.0
OUT<115>
-8534.0
1145.46
51.0
51.0
OUT<116>
-8466.0
1145.46
51.0
51.0
OUT<117>
-8398.0
1145.46
51.0
51.0
OUT<118>
-8330.0
1145.46
51.0
51.0
OUT<119>
-8262.0
1145.46
51.0
51.0
OUT<120>
-8194.0
1145.46
51.0
51.0
OUT<121>
-8126.0
1145.46
51.0
51.0
OUT<122>
-8058.0
1145.46
51.0
51.0
OUT<123>
-7990.0
1145.46
51.0
51.0
OUT<124>
-7922.0
1145.46
51.0
51.0
OUT<125>
-7854.0
1145.46
51.0
51.0
OUT<126>
-7786.0
1145.46
51.0
51.0
OUT<127>
-7718.0
1145.46
51.0
51.0
OUT<128>
-7650.0
1145.46
51.0
51.0
OUT<129>
-7582.0
1145.46
51.0
51.0
OUT<130>
-7514.0
1145.46
51.0
51.0
OUT<131>
-7446.0
1145.46
51.0
51.0
OUT<132>
-7378.0
1145.46
51.0
51.0
OUT<133>
-7310.0
1145.46
51.0
51.0
OUT<134>
-7242.0
1145.46
51.0
51.0
OUT<135>
-7174.0
1145.46
51.0
51.0
OUT<136>
-7106.0
1145.46
51.0
51.0
OUT<137>
-7038.0
1145.46
51.0
51.0
OUT<138>
-6970.0
1145.46
51.0
51.0
OUT<139>
-6902.0
1145.46
51.0
51.0
OUT<140>
-6834.0
1145.46
51.0
51.0
OUT<141>
-6766.0
1145.46
51.0
51.0
OUT<142>
-6698.0
1145.46
51.0
51.0
OUT<143>
-6630.0
1145.46
51.0
51.0
OUT<144>
-6562.0
1145.46
51.0
51.0
OUT<145>
-6494.0
1145.46
51.0
51.0
OUT<146>
-6426.0
1145.46
51.0
51.0
OUT<147>
-6358.0
1145.46
51.0
51.0
OUT<148>
-6290.0
1145.46
51.0
51.0
OUT<149>
-6222.0
1145.46
51.0
51.0
OUT<150>
-6154.0
1145.46
51.0
51.0
OUT<151>
-6086.0
1145.46
51.0
51.0
OUT<152>
-6018.0
1145.46
51.0
51.0
OUT<153>
-5950.0
1145.46
51.0
51.0
OUT<154>
-5882.0
1145.46
51.0
51.0
OUT<155>
-5814.0
1145.46
51.0
51.0
OUT<156>
-5746.0
1145.46
51.0
51.0
OUT<157>
-5678.0
1145.46
51.0
51.0
OUT<158>
-5610.0
1145.46
51.0
51.0
OUT<159>
-5542.0
1145.46
51.0
51.0
OUT<160>
-5474.0
1145.46
51.0
51.0
OUT<161>
-5406.0
1145.46
51.0
51.0
OUT<162>
-5338.0
1145.46
51.0
51.0
OUT<163>
-5270.0
1145.46
51.0
51.0
OUT<164>
-5202.0
1145.46
51.0
51.0
OUT<165>
-5134.0
1145.46
51.0
51.0
OUT<166>
-5066.0
1145.46
51.0
51.0
OUT<167>
-4998.0
1145.46
51.0
51.0
OUT<168>
-4930.0
1145.46
51.0
51.0
OUT<169>
-4862.0
1145.46
51.0
51.0
OUT<170>
-4794.0
1145.46
51.0
51.0
OUT<171>
-4726.0
1145.46
51.0
51.0
OUT<172>
-4658.0
1145.46
51.0
51.0
OUT<173>
-4590.0
1145.46
51.0
51.0
OUT<174>
-4522.0
1145.46
51.0
51.0
OUT<175>
-4454.0
1145.46
51.0
51.0
OUT<176>
-4386.0
1145.46
51.0
51.0
OUT<177>
-4318.0
1145.46
51.0
51.0
OUT<178>
-4250.0
1145.46
51.0
51.0
OUT<179>
-4182.0
1145.46
51.0
51.0
OUT<180>
-4114.0
1145.46
51.0
51.0
OUT<181>
-4046.0
1145.46
51.0
51.0
OUT<182>
-3978.0
1145.46
51.0
51.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27