| Zakładka z wyszukiwarką danych komponentów |
|
AP02002 Arkusz danych(PDF) 31 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
AP02002 Arkusz danych(HTML) 31 Page - Diodes Incorporated |
|
31 / 36 page ![]() AP02002 Rev. 50 31 of 36 www.diodes.com Package Outline Dimensions © Diodes Incorporated KBJ KBJ Dim Min Max A 24.80 25.20 B 14.70 15.30 C 3.90 4.10 D 17.20 17.80 E 0.90 1.10 G 7.30 7.70 H 3.10 ∅ 3.40 ∅ J 3.30 3.70 K 1.50 1.90 L 9.30 9.70 M 2.50 2.90 N 3.40 3.80 O 3.0 x 45 ° P 4.40 4.80 R 0.60 0.80 All Dimensions in mm KBP KBP Dim Min Max A 14.25 14.75 B 10.20 10.60 C 1.80 2.20 D 14.25 14.73 E 3.56 4.06 G 0.76 0.86 H 1.17 1.42 J 2.8 X 45 ° K 0.80 1.10 L 3.35 3.65 M 3 ° Typ N 2 ° Typ P 0.30 0.64 All Dimensions in mm MB MB-W MB Dim Min Max A 28.40 28.70 B 10.97 11.23 C 15.50 17.60 E 22.86 25.40 G 13.30 15.30 H Hole for #10 screw 4.85 ∅ 5.59 ∅ J 17.10 19.10 K 10.40 12.40 L 0.97 ∅ Typ 1.07∅ M 30.50 - N 10.97 11.23 All Dimensions in mm MB-W Dim Min Max A 28.40 28.70 B 10.97 11.23 C 15.50 17.60 E 22.86 25.40 G 13.30 15.30 H Hole for #10 screw 4.85 ∅ 5.59 ∅ J 17.10 19.10 K 10.40 12.40 L 0.97 ∅ Typ 1.07 ∅ M 30.50 - N 10.97 11.23 All Dimensions in mm _ A B D J K C E G H L M N P R O C E G H J K L M N P + _ A B D C A G E B H (AC) (AC) (+) ( - ) H J A C K A M N H H L J A J (AC) (AC) ( - ) ( + ) |