| Zakładka z wyszukiwarką danych komponentów |
|
GL8PR22 Arkusz danych(PDF) 3 Page - Sharp Corporation |
|
|
|||||||||||||||||||||||||||||
GL8PR22 Arkusz danych(HTML) 3 Page - Sharp Corporation |
|
3 / 4 page ![]() LED Lamp Characteristics Diagrams Note)Characteristics shown in diagrams are typical values. (not assurance value) HS series HY series 0.5 2 1 3 5 10 20 50 100 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 Forward Current vs. Forward Voltage(Note) Forward voltage VF(V) (Ta=25˚C) 10 20 50 200 100 500 1000 -20 0 20 40 60 100 80 Luminous Intensity vs. Ambient Temperature(Note) Ambient temperature Ta(˚C) (IF=20mA) 1 2 5 200 100 20 50 10 500 0.1 0.2 0.5 1 2 5 10 20 50 Luminous Intensity vs. Forward Current(Note) Forward current IF(mA) (Ta=25˚C) 5 10 30 50 100 300 500 1/50 1/20 1/10 1/5 1/2 1 Duty Ratio vs. Peak Forward Current Duty ratio DR (Ta=25˚C) 0 10 20 30 40 50 60 -25 0 25 50 75 85 125 100 Peak Forward Current Derating Curve Ambient temperature Ta(˚C) 0 10 20 30 40 50 60 -25 0 25 50 75 85 125 100 Peak Forward Current Derating Curve Ambient temperature Ta(˚C) 0 10 20 30 40 50 60 -25 0 25 50 75 85 125 100 Forward Current Derating Curve Ambient temperature Ta(˚C) 0 10 20 30 40 50 60 -25 0 25 50 75 85 125 100 Forward Current Derating Curve Ambient temperature Ta(˚C) 0.1 0.5 1.0 5.0 10 50 100 1.0 1.2 1.4 1.6 1.8 2.0 2.4 2.6 2.2 Forward Current vs. Forward Voltage(Note) Forward voltage VF(V) (Ta=25˚C) 1.0 5.0 10 50 100 500 1000 -20 0 20 40 60 80 120 100 Luminous Intensity vs. Ambient Temperature(Note) Ambient temperature Ta(˚C) (Ta=25˚C) 1.0 5.0 2.0 10 20 50 100 200 500 1000 0.1 0.2 0.5 1 2 5 10 20 50 Luminous Intensity vs. Forward Current(Note) Forward current IF(mA) (Ta=25˚C) 1.0 5.0 2.0 10 20 50 100 200 500 1/50 1/20 1/10 1/5 1/2 1 Duty Ratio vs. Peak Forward Current Duty ratio DR (Ta=25˚C) 119 (Notice) ¡In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device. (Internet) ¡Data for sharp's optoelectronic/power device is provided for internet.(Address http://www.sharp.co.jp/ecg/) |