Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BAS40BRW Arkusz danych(PDF) 2 Page - Micro Commercial Components

Numer części BAS40BRW
Szczegółowy opis  200mW SCHOTTKY BARRIER Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MCC [Micro Commercial Components]
Strona internetowa  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAS40BRW Arkusz danych(HTML) 2 Page - Micro Commercial Components

  BAS40BRW Datasheet HTML 1Page - Micro Commercial Components BAS40BRW Datasheet HTML 2Page - Micro Commercial Components BAS40BRW Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BAS40TW/DW-04/DW-05/DW-06/BRW
MCC
Revision: A
2011/01/01
TM
Micro Commercial Components
0
100
200
T , AMBIENT TEMPERATURE (ºC)
A
Fig. 4 Power Derating Curve, Total Package
0
50
100
150
200
250
0
1
3
2
0
10
20
40
30
V , REVERSE VOLTAGE (V)
R
Fig.3 Typical Capacitance
f = 1.0MHz
0.1
1
10
100
1000
10000
0
10
20
30
40
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
Fig. 2 Typical Reverse Characteristics
T = -40ºC
A
T = 25ºC
A
T = 75ºC
A
T = 125ºC
A
T= 0ºC
A
0.01
0.1
1
0.001
0.0001
0
1.0
0.6
0.8
0.4
0.2
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
Fig. 1 Typical Forward Voltage
T = -40ºC
A
T = 125ºC
A
T = 75ºC
A
T = 25ºC
A
T = 0ºC
A
www.mccsemi.com
2 of 3



Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com