Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BZX85C56 Arkusz danych(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Numer części BZX85C56
Szczegółowy opis  1.3W,5% Tolerance Zener Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZX85C56 Arkusz danych(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BZX85C56 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZX85C56 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZX85C56 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BZX85C3V3-BZX85C56
1.3W,5% Tolerance Zener Diode
Small Signal Diode
Electrical Characteristics
Ta = 25°C unless otherwise noted
VF Forward Voltage = 1.2V Maximum @ IF = 200 mA for all part numbers
Marking
Code
Min
Nom
Max
BZX85C3V3
BZX85C3V3
3.1
3.3
3.5
80
20
1
400
40
1
BZX85C3V6
BZX85C3V6
3.4
3.6
3.8
60
20
1
500
20
1
BZX85C3V9
BZX85C3V9
3.7
3.9
4.1
60
15
1
500
20
1
BZX85C4V3
BZX85C4V3
4.1
4.3
4.5
50
13
1
500
3
1
BZX85C4V7
BZX85C4V7
4.5
4.7
4.9
45
13
1
600
3
1
BZX85C5V1
BZX85C5V1
4.8
5.1
5.4
45
10
1
500
1
1.5
BZX85C5V6
BZX85C5V6
5.3
5.6
5.9
45
7
1
400
1
2
BZX85C6V2
BZX85C6V2
5.9
6.2
6.5
35
4
1
300
1
3
BZX85C6V8
BZX85C6V8
6.5
6.8
7.1
35
3.5
1
300
1
4
BZX85C7V5
BZX85C7V5
7.1
7.5
7.9
35
3
0.5
200
1
4.5
BZX85C8V2
BZX85C8V2
7.8
8.2
8.6
25
5
0.5
200
1
6.2
BZX85C9V1
BZX85C9V1
8.6
9.1
9.6
25
5
0.5
200
1
6.9
BZX85C10
BZX85C10
9.5
10
10.5
25
7
0.5
200
0.5
7.5
BZX85C11
BZX85C11
10.5
11
11.6
20
8
0.5
300
0.5
8.2
BZX85C12
BZX85C12
11.4
12
12.6
20
9
0.5
350
0.5
9.1
BZX85C13
BZX85C13
12.4
13
13.7
20
10
0.5
400
0.5
10
BZX85C15
BZX85C15
14.3
15
15.8
15
15
0.5
500
0.5
11
BZX85C16
BZX85C16
15.2
16
16.8
15
15
0.5
500
0.5
12
BZX85C18
BZX85C18
17.1
18
18.9
15
20
0.5
500
0.5
13
BZX85C20
BZX85C20
19.0
20
21.0
10
24
0.5
600
0.5
15
BZX85C22
BZX85C22
20.9
22
23.1
10
25
0.5
600
0.5
16
BZX85C24
BZX85C24
22.8
24
25.2
10
25
0.5
600
0.5
18
BZX85C27
BZX85C27
25.7
27
28.4
8
30
0.25
750
0.5
20
BZX85C30
BZX85C30
28.5
30
31.5
8
30
0.25
1000
0.5
22
BZX85C33
BZX85C33
31.4
33
34.7
8
35
0.25
1000
0.5
24
BZX85C36
BZX85C36
34.2
36
37.8
8
40
0.25
1000
0.5
25
BZX85C39
BZX85C39
37.1
39
41.0
6
45
0.25
1000
0.5
27
BZX85C43
BZX85C43
40.9
43
45.2
6
50
0.25
1000
0.5
30
BZX85C47
BZX85C47
44.7
47
49.4
4
90
0.25
1500
0.5
33
BZX85C51
BZX85C51
48.5
51
53.6
4
115
0.25
1500
0.5
36
BZX85C56
BZX85C56
53.2
56
58.8
4
120
0.25
2000
0.5
39
Notes:
1. The Zener Voltage (
VZ) is tested under pulse condition of 10ms.
2. The device numbers listed have a standard tolerance on the nominal zener voltage of
±5%.
4. The zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an rms value
equal to 10% of the DC zener current (
IZT or IZK) is superimposed to IZT or IZK.
ZZK @
IZK(Ω) Max
VZ @ IZT (Volt)
IR @ VR(μA)
Max
IZK(mA)
IZT(mA)
VR(V)
3. For detailed information on price, availability and delivery of nominal zener voltages between the voltages shown and
tighter voltage tolerances, contact your nearest
Taiwan semiconductor representative.
Part Number
ZZT @
IZT(Ω) Max
Version : D11



Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com