| Zakładka z wyszukiwarką danych komponentów |
|
TMS570LS3137 Arkusz danych(PDF) 84 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS570LS3137 Arkusz danych(HTML) 84 Page - Texas Instruments |
|
84 / 159 page ![]() EMIF_nCS[3:2] EMIF_BA[1:0] 13 12 EMIF_ADDR[21:0] EMIF_nOE EMIF_DATA[15:0] EMIF_nWE 10 5 9 7 4 8 6 3 1 EMIF_nDQM[1:0] 30 29 TMS570LS3137 SPNS162. – SEPTEMBER 2011 www.ti.com 4.14 External Memory Interface (EMIF) 4.14.1 Features The EMIF includes many features to enhance the ease and flexibility of connecting to external asynchronous memories or SDRAM devices. The EMIF features includes support for: • 3 addressable chip select for asynchronous memories of up to 16MB each • 1 addressable chip select space for SDRAMs up to 128MB • 8 or 16-bit data bus width • Programmable cycle timings such as setup, strobe, and hold times as well as turnaround time • Select strobe mode • Extended Wait mode • Data bus parking 4.14.2 Electrical and Timing Specifications 4.14.2.1 Read Timing (Asynchronous RAM) Figure 4-11. Asynchronous Memory Read Timing 84 System Information and Electrical Specifications Copyright © 2011, Texas Instruments Incorporated Submit Documentation Feedback focus.ti.com: TMS570LS3137 |