| Zakładka z wyszukiwarką danych komponentów |
|
PC3H41XNIP Arkusz danych(PDF) 5 Page - Sharp Corporation |
|
|
|||||||||||||||||||||||||||||
PC3H41XNIP Arkusz danych(HTML) 5 Page - Sharp Corporation |
|
5 / 5 page ![]() PC3H41X NIP Series/PC3Q410 NIP Fig.16 Response Time vs. Load Resistance 0.1 1000 0.1 1 10 Load resistance RL (kΩ) VCE=2V IC=2mA Ta=25°C tf tr td ts 100 10 1 Fig.21 Reflow Soldering 25 °C 2min 230 °C 200 °C 180 °C 1min 1min 1.5min 30s Only one time soldering is recommended within the temperature profile shown below. Fig.19 Voltage Gain vs Frequency Fig.20 Collector-emitter Saturation Voltage vs. Forward Current Forward current IF (mA) 0 5 0 2 4 6 8 10 Ta=25°C 4 3 2 1 IC=7mA IC=5mA IC=3mA IC=2mA IC=1mA IC=0.5mA −25 5 0.1 1 10 100 1000 Frequency f (kHz) VCE=2V IC=2mA Ta=25°C 0 −5 −10 −15 −20 RL=10kΩ 1k Ω 100 Ω Fig.17 Response Time vs. Load Resistance (Saturation) Fig.18 Test Circuit for Response Time 0.1 1000 1 10 100 Load resistance RL (kΩ) tf td ts 100 10 1 tr VCC=5V IF=16mA Ta=25°C 10% Input Output Input Output 90% ts td VCC RD RL tf tr |