| Zakładka z wyszukiwarką danych komponentów |
|
LS060S2UD01 Arkusz danych(PDF) 13 Page - Sharp Corporation |
|
|
|||||||||||||||||||||||||||||
LS060S2UD01 Arkusz danych(HTML) 13 Page - Sharp Corporation |
|
13 / 21 page ![]() LCP-1310002-11 10.2.1. Write Operation An example of write cycle (WR goes from H→L→H) is shown below. Make sure to input command first. After that, write data as necessary. Until new command is input, it will continue operation accordingly to the original command. Command Data Data Command Command setting only: Command Setting command and parameter: Command + Parameter1 … ParameterN Setting command and image data: Command + Image data … Image data The Period of “Transfer Command (DISP, DISPPTL) writing” to “500ns”, please do not write as followings 10.2.2. Read Oepration An example of read cycle (RD goes H→L→H) is shown below. Command Data Data Data Command setting: Command (Output is Dummy Data) Setting command and parameter: Command , Parameter1 … ParameterN Setting command and image data: Command , Dummy Data , Image data … Image data |