| Zakładka z wyszukiwarką danych komponentów |
|
PC3H712NIP Arkusz danych(PDF) 2 Page - Sharp Corporation |
|
|
|||||||||||||||||||||||||||||
PC3H712NIP Arkusz danych(HTML) 2 Page - Sharp Corporation |
|
2 / 5 page ![]() PC3H71X NIP Series/PC3Q71X NIP Series s Electro-optical Characteristics Fig.1 Test Circuit for Common Mode Rejection Voltage Fig.2 Forward Current vs. Ambient Temperature Parameter Symbol MIN. TYP. MAX. Unit Forward voltage Reverse current Collector current Isolation resistance Floating capacitance Response time Common mode rejection voltage Terminal capacitance Collector dark current Emitter-collector breakdown voltage Collector-emitter breakdown voltage Collector-emitter saturation voltage Rise time PC3H71XNIP Series PC3Q71XNIP Series Fall time VF IR Ct ICEO BVCEO BVECO RISO Cf IC VCE (sat) tr tf CMR Conditions IF =10mA IF =0.5mA, VCE=5V IF =10mA, IC=1mA V =0, f=1kHz VCE =50V, IF=0 IC=0.1mA, IF=0 IE=10 µA, IF=0 DC500V 40 to 60%RH V =0, f=1MHz VCE =2V, IC=2mA, RL=100Ω Ta =25°C, RL=470Ω, VCM=1.5kV (peak), IF =0mA, VCC=9V, Vnp=100mV 1.4 V VR =4V − − − − − − 70 6 0.5 5 ×1010 1 ×1011 30 1.2 − − 3.0 3.5 250 − 0.6 1.0 − 4 18 − 3 18 100 − 10 − − 10 V − − − V V − 0.2 − µA µs µs kV/ µs mA pF pF nA Ω (Ta =25°C) *1 Refer to Fig.1. *1 VCM Vcp Vnp VO (dV/dt) 1) RL Vnp VCC VCM VCM : High wave pulse RL=470Ω VCC=9V 1) Vcp : Voltage which is generated by displacement current in floating capacitance between primary and secondary side. (Vcp Nearly = dV/dt×Cf×RL) Ambient temperature Ta (°C) 0 10 5 −30 0 25 50 75 100 125 Fig.3 Diode Power Dissipation vs. Ambient Temperature Ambient temperature Ta (°C) 0 15 10 5 −30 0 25 50 75 100 125 |