| Zakładka z wyszukiwarką danych komponentów |
|
PC824A Arkusz danych(PDF) 2 Page - Sharp Corporation |
|
|
|||||||||||||||||||||||||||||
PC824A Arkusz danych(HTML) 2 Page - Sharp Corporation |
|
2 / 5 page ![]() PC814 Series *3 For 10 seconds *4 Classification table of current transfer ratio Parameter Symbol Conditions Forward voltage V F IF = ± 20mA Peak forward voltage V FM IFM = ± 0.5V Terminal capacitance Ct V = 0, f = 1kHz Collector dark current ICEO V CE = 20V, I F =0 Transfer charac- teristics *4Current transfer ratio CTR IF = ± 1mA, V CE =5V Collector-emitter saturation voltage V CE(sat) IF = ± 20mA, I C = 1mA Isolation resistance R ISO Floating capacitance V = 0, f = 1MHz Cut-off frequency fc t r V CE = 2V, I C = 2mA, R L = 100 Ω tf MIN. TYP. MAX. Unit - 1.2 1.4 V - - 3.0 V - 50 250 pF -- 10 -7 A 20 - 300 % - 0.1 0.2 V 5x 1010 1011 - Ω 0.6 1.0 pF 15 80 - kHz - - 418 µ s -3 18 µ s ( Ta = 25˚C) s Absolute Maximum Ratings ( Ta = 25˚C) Cf VCE = 5V, I C = 2mA, R L = 100 Ω, - 3dB Parameter Symbol Rating Unit Input Forward current IF ± 50 mA *1Peak forward current I FM ±1 A Power dissipation P 70 mW Output Collector-emitter voltage V CEO 35 V Emitter-collector voltage V ECO 6V Collector current IC 50 mA Collector power dissipation P C 150 mW Total power dissipation P tot 200 mW *2Isolation voltage V iso Operating temperature T opr - 30 to + 100 ˚C Storage temperature T stg - 55 to + 125 ˚C *3Soldering temperature T sol 260 ˚C *1 Pulse width <=100 µs, Duty ratio : 0.001 s Electro-optical Characteristics Model No. Rank mark PC814A A 50 to 150 PC824A PC844A PC814 A or no mark 20 to 300 PC824 PC844 Response time Rise time Fall time Input Output CTR ( % ) 5 000 *2 40 to 60% RH, AC for 1 minute DC500V, 40 to 60% RH V rms |