| Zakładka z wyszukiwarką danych komponentów |
|
STLDC08 Arkusz danych(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STLDC08 Arkusz danych(HTML) 20 Page - STMicroelectronics |
|
20 / 29 page ![]() Application information STLDC08 20/29 Doc ID 18476 Rev 1 Another important parameter is the drain source breakdown voltage. During the ON state, the potential of the LX point is 0 V, while during the OFF state the potential of this point rises to the output voltage plus the forward voltage of the D1. Therefore, the absolute VDS rating of the main switch must be greater than this voltage to prevent main switch damage. Figure 19. Current diagram ON state C IN C OUT L1 D1 Rsense VBAT DVR STLDC08 SENSE VOUT LX LED R FB FB ON state AM07849v1 C IN C OUT L1 D1 Rsense VBAT DVR STLDC08 SENSE VOUT LX LED R FB FB ON state AM07849v1 Figure 20. Current diagram OFF state C IN L1 D1 Rsense VBAT DVR STLDC08 SENSE VOUT LX LED R FB FB OFF state C OUT AM07850v1 C IN L1 D1 Rsense VBAT DVR STLDC08 SENSE VOUT LX LED R FB FB OFF state C OUT AM07850v1 |